Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P12C508 Datasheet(PDF) 11 Page - Microchip Technology

Part # P12C508
Description  8-Pin, 8-Bit CMOS Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

P12C508 Datasheet(HTML) 11 Page - Microchip Technology

Back Button P12C508 Datasheet HTML 7Page - Microchip Technology P12C508 Datasheet HTML 8Page - Microchip Technology P12C508 Datasheet HTML 9Page - Microchip Technology P12C508 Datasheet HTML 10Page - Microchip Technology P12C508 Datasheet HTML 11Page - Microchip Technology P12C508 Datasheet HTML 12Page - Microchip Technology P12C508 Datasheet HTML 13Page - Microchip Technology P12C508 Datasheet HTML 14Page - Microchip Technology P12C508 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 84 page
background image
© 1996 Microchip Technology Inc.
Advance Information
DS40139A-page 11
PIC12C5XX
4.0
MEMORY ORGANIZATION
PIC12C5XX memory is organized into program mem-
ory and data memory. For devices with more than 512
bytes of program memory, a paging scheme is used.
Program memory pages are accessed using one STA-
TUS register bit. For the PIC12C509 with a data mem-
ory register file of more than 32 registers, a banking
scheme is used. Data memory banks are accessed
using the File Select Register (FSR).
4.1
Program Memory Organization
The PIC12C508 and PIC12C509 each have a 12-bit
Program Counter (PC) capable of addressing a 2K x
12 program memory space.
Only the first 512 x 12 (0000h-01FFh) for the
PIC12C508 and 1K x 12 (0000h-03FFh) for the
PIC12C509 are physically implemented. Refer to
Figure 4-1.
Accessing
a
location
above
these
boundaries will cause a wrap-around within the first
512 x 12 space (PIC12C508) or 1K x 12 space
(PIC12C509). The reset vector is at 0000h. Location
01FFh (PIC12C508) or location 03FFh (PIC12C509)
contains the internal clock oscillator calibration value.
This value should never be overwritten.
FIGURE 4-1:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC12C5XX
CALL, RETLW
PC<11:0>
Stack Level 1
Stack Level 2
12
0000h
7FFh
01FFh
0200h
On-chip Program
Memory
Reset Vector (note 1)
Note 1: Address 0000h becomes the effec-
tive reset vector. Location 01FFh
(PIC12C508) or location 03FFh
(PIC12C509) contains the MOVLW
XX clock calibration value.
512 Word (PIC12C508)
1024 Word (PIC12C509)
03FFh
0400h
On-chip Program
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com