Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P12C508 Datasheet(PDF) 32 Page - Microchip Technology

Part # P12C508
Description  8-Pin, 8-Bit CMOS Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

P12C508 Datasheet(HTML) 32 Page - Microchip Technology

Back Button P12C508 Datasheet HTML 28Page - Microchip Technology P12C508 Datasheet HTML 29Page - Microchip Technology P12C508 Datasheet HTML 30Page - Microchip Technology P12C508 Datasheet HTML 31Page - Microchip Technology P12C508 Datasheet HTML 32Page - Microchip Technology P12C508 Datasheet HTML 33Page - Microchip Technology P12C508 Datasheet HTML 34Page - Microchip Technology P12C508 Datasheet HTML 35Page - Microchip Technology P12C508 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 84 page
background image
PIC12C5XX
DS40139A-page 32
Advanced Information
© 1996 Microchip Technology Inc.
7.5
Device Reset Timer (DRT)
In the PIC12C5XX, the DRT runs any time the device
is powered up. DRT runs from RESET only in XT and
LP modes. It is disabled from RESET in INTRC and
EXTRC modes.
The Device Reset Timer (DRT) provides a fixed 18 ms
nominal time-out on reset. The DRT operates on an
internal RC oscillator. The processor is kept in RESET
as long as the DRT is active. The DRT delay allows
VDD to rise above VDD min., and for the oscillator to
stabilize.
Oscillator circuits based on crystals or ceramic
resonators require a certain time after power-up to
establish a stable oscillation. The on-chip DRT keeps
the device in a RESET condition for approximately 18
ms after the voltage on the GP3/MCLR/VPP pin has
reached a logic high (VIHMC) level. Thus, external RC
networks connected to the MCLR input are not
required in most cases, allowing for savings in cost-
sensitive and/or space restricted applications.
The Device Reset time delay will vary from chip to chip
due to VDD, temperature, and process variation. See
AC parameters for details.
The DRT will also be triggered upon a Watchdog
Timer time-out (only in XT and LP modes). This is
particularly important for applications using the WDT
to wake from SLEEP mode automatically.
7.6
Watchdog Timer (WDT)
The Watchdog Timer (WDT) is a free running on-chip
RC oscillator which does not require any external
components. This RC oscillator is separate from the
external RC oscillator of the GP5/OSC1/CLKIN pin
and the internal 4 MHz oscillator. That means that the
WDT will run even if the clock on the GP5/OSC1/
CLKIN and GP4/OSC2 pins have been stopped, for
example, by execution of a SLEEP instruction. During
normal operation or SLEEP, a WDT reset or wake-up
reset generates a device RESET.
The TO bit (STATUS<4>) will be cleared upon a
Watchdog Timer reset.
The
WDT
can
be
permanently
disabled
by
programming the configuration bit WDTE as a '0'
(Section 7.1). Refer to the PIC12C5XX Programming
Specifications to determine how to access the
configuration word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com