Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P12C508 Datasheet(PDF) 28 Page - Microchip Technology

Part # P12C508
Description  8-Pin, 8-Bit CMOS Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

P12C508 Datasheet(HTML) 28 Page - Microchip Technology

Back Button P12C508 Datasheet HTML 24Page - Microchip Technology P12C508 Datasheet HTML 25Page - Microchip Technology P12C508 Datasheet HTML 26Page - Microchip Technology P12C508 Datasheet HTML 27Page - Microchip Technology P12C508 Datasheet HTML 28Page - Microchip Technology P12C508 Datasheet HTML 29Page - Microchip Technology P12C508 Datasheet HTML 30Page - Microchip Technology P12C508 Datasheet HTML 31Page - Microchip Technology P12C508 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 84 page
background image
PIC12C5XX
DS40139A-page 28
Advance Information
© 1996 Microchip Technology Inc.
FIGURE 7-6:
RC OSCILLATOR MODE
7.2.5
INTERNAL 4 MHZ RC OSCILLATOR
The internal RC oscillator provides a fixed 4 MHz (nom-
inal) system clock.
In addition, a calibration instruction is programmed into
the top of memory which indicates the calibration value
for the internal RC oscillator. This value, OSCCAL, is
programmed as a MOVLW XX instruction where XX is the
calibration value, and is placed at the reset vector. This
will load the W register with the calibration value upon
reset and the PC will then roll over to 0x000. The user
then has the option of writing the value to the OSCCAL
Register (05h) or ignoring it.
VDD
Rext
Cext
VSS
OSC1
Internal
clock
PIC12C5XX
N
7.3
RESET
The device differentiates between various kinds of
reset:
a) Power on reset (POR)
b) MCLR reset during normal operation
c) MCLR reset during SLEEP
d) WDT time-out reset during normal operation
e) WDT time-out reset during SLEEP
f) Wake-up from SLEEP on pin change
Some registers are not reset in any way; they are
unknown on POR and unchanged in any other reset.
Most other registers are reset to “reset state” on power-
on reset (POR), on MCLR or WDT reset during normal
operation . They are not affected by a WDT reset during
SLEEP or MCLR reset during SLEEP, since these
resets are viewed as resumption of normal operation.
The exceptions to this are TO, PD, and GPWUF bits.
They are set or cleared differently in different reset sit-
uations. These bits are used in software to determine
the nature of reset. See Table 7-3 for a full description
of reset states of all registers.
TABLE 7-3:
RESET CONDITIONS FOR REGISTERS
Register
Address
Power-on Reset
MCLR Reset
WDT time-out
Wake-up on Pin Change
W—
qqqq xxxx (1)
qqqq uuuu (1)
INDF
00h
xxxx xxxx
uuuu uuuu
TMR0
01h
xxxx xxxx
uuuu uuuu
PC
02h
1111 1111
1111 1111
STATUS
03h
0001 1xxx
?00? ?uuu (2)
FSR (12C508)
04h
111x xxxx
111u uuuu
FSR (12C509)
04h
110x xxxx
11uu uuuu
OSCCAL
05h
0111 ----
uuuu ----
GPIO
06h
--xx xxxx
--uu uuuu
OPTION
—
1111 1111
1111 1111
TRIS
—
--11 1111
--11 1111
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, ? = value depends on condition.
Note 1:
Bits <7:4> of W register contain oscillator calibration (OSCCAL) values due to MOVLW XX instruction at
top of memory.
Note 2:
See Table 7-6 for reset value for specific conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com