Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P12C508 Datasheet(PDF) 80 Page - Microchip Technology

Part # P12C508
Description  8-Pin, 8-Bit CMOS Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

P12C508 Datasheet(HTML) 80 Page - Microchip Technology

Back Button P12C508 Datasheet HTML 76Page - Microchip Technology P12C508 Datasheet HTML 77Page - Microchip Technology P12C508 Datasheet HTML 78Page - Microchip Technology P12C508 Datasheet HTML 79Page - Microchip Technology P12C508 Datasheet HTML 80Page - Microchip Technology P12C508 Datasheet HTML 81Page - Microchip Technology P12C508 Datasheet HTML 82Page - Microchip Technology P12C508 Datasheet HTML 83Page - Microchip Technology P12C508 Datasheet HTML 84Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 80 / 84 page
background image
PIC12C5XX
DS40139A-page 80
Advanced Information
© 1996 Microchip Technology Inc.
LIST OF EXAMPLES
Example 3-1: Instruction Pipeline Flow ............................ 10
Example 4-1: Indirect Addressing .................................... 17
Example 4-2: How To Clear RAM Using Indirect
Addressing ................................................. 17
Example 5-1: Read-Modify-Write Instructions on an
I/O Port ...................................................... 20
Example 6-1: Changing Prescaler (Timer0
→WDT .........) 24
Example 6-2: Changing Prescaler (WDT
→Timer0 .........) 24
LIST OF FIGURES
Figure 3-1:
PIC12C5XX Block Diagram ......................... 8
Figure 3-2:
Clock/Instruction Cycle .............................. 10
Figure 4-1:
Program Memory Map and Stack for the
PIC12C5XX ............................................... 11
Figure 4-2:
PIC12C508 Register File Map ................... 12
Figure 4-3:
PIC12C509 Register File Map ................... 12
Figure 4-4:
STATUS Register (Address:03h)............... 14
Figure 4-5:
OPTION Register....................................... 15
Figure 4-6:
Loading of PC Branch Instructions -
PIC12C508/C509....................................... 16
Figure 4-7:
Direct/Indirect Addressing.......................... 17
Figure 5-1:
Equivalent Circuit for a Single I/O Pin........ 19
Figure 5-2:
Successive I/O Operation .......................... 20
Figure 6-1:
Timer0 Block Diagram ............................... 21
Figure 6-2:
Timer0 Timing: Internal Clock/
No Prescale ............................................... 22
Figure 6-3:
Timer0 Timing: Internal Clock/
Prescale 1:2 ............................................... 22
Figure 6-4:
Timer0 Timing With External Clock ........... 23
Figure 6-5:
Block Diagram of the Timer0/
WDT Prescaler .......................................... 24
Figure 7-1:
Configuration Word for PIC12C508 or
PIC12C509 ................................................ 25
Figure 7-2:
Crystal Operation (or Ceramic Resonator)
(XT or LP OSC Configuration) ................... 26
Figure 7-3:
External Clock Input Operation
(XT or LP OSC Configuration) ................... 26
Figure 7-4:
External Parallel Resonant Crystal
Oscillator Circuit......................................... 27
Figure 7-5:
External Series Resonant Crystal
Oscillator Circuit ......................................... 27
Figure 7-6:
RC Oscillator Mode.................................... 28
Figure 7-7:
MCLR Select.............................................. 29
Figure 7-8:
Simplified Block Diagram of
On-Chip Reset Circuit ................................ 30
Figure 7-9:
Time-Out Sequence on Power-Up
(MCLR Pulled Low).................................... 31
Figure 7-10:
Time-Out Sequence on Power-Up
(MCLR Tied to Vdd): Fast Vdd Rise Time . 31
Figure 7-11:
Time-Out Sequence on Power-Up
(MCLR Tied to VDD): Slow Vdd Rise Time 31
Figure 7-12:
Watchdog Timer Block Diagram ................ 33
Figure 7-13:
Brown-Out Protection Circuit 1 .................. 34
Figure 7-14:
Brown-Out Protection Circuit 2 .................. 34
Figure 7-15:
Typical In-Circuit Serial Programming
Connection................................................. 36
Figure 8-1:
General Format for Instructions ................. 37
Figure 10-1:
Load Conditions - PIC12C5XX .................. 56
Figure 10-2:
External Clock Timing - PIC12C5XX ......... 57
Figure 10-3:
I/O Timing - PIC12C5XX........................... 58
Figure 10-4:
Reset, Watchdog Timer, and Device
Reset Timer Timing - PIC12C5XX ............. 59
Figure 10-5:
Timer0 Clock Timings - PIC12C5XX ......... 60
Figure 10-6:
Calibrated Internal RC Frequency
Range vs. Temperature (VDD = 5.5V)........ 61
Figure 10-7:
Calibrated Internal RC Frequency Range
vs. Temperature (VDD = 2.5V)................... 61
Figure 10-8:
Calibrated Internal RC Frequency Range
vs. VDD at Temperature = -40
°C ............... 62
Figure 10-9:
Calibrated Internal RC Frequency Range
vs. VDD at Temperature = 25
°C................. 62
Figure 10-10: Calibrated Internal RC Frequency Range
vs. VDD at Temperature = 85
°C................ 63
LIST OF TABLES
Table 1-1:
PIC12C5XX Family of Devices.................... 4
Table 3-1:
PIC12C5XX Pinout Description ................... 9
Table 4-1:
Special Function Register Summary ......... 13
Table 5-1:
Summary of Port Registers ....................... 19
Table 6-1:
Registers Associated With Timer0 ............ 22
Table 7-1:
Capacitor Selection For Ceramic
Resonators - PIC12C5XX ......................... 26
Table 7-2:
Capacitor Selection For Crystal
Oscillator - PIC12C5XX ............................. 26
Table 7-3:
Reset Conditions For Registers ................ 28
Table 7-4:
Reset Condition For Special Registers ..... 29
Table 7-5:
Summary of Registers Associated with
the Watchdog Timer .................................. 33
Table 7-6:
TO/PD/GPWUF Status After Reset ........... 34
Table 7-7:
Events Affecting TO/PD Status Bits .......... 34
Table 8-1:
OPCODE Field Descriptions ..................... 37
Table 8-2:
Instruction Set Summary ........................... 38
Table 9-1:
Development Tools From Microchip.......... 52
Table 10-1:
External Clock Timing Requirements -
PIC12C5XX ............................................... 57
Table 10-2:
Timing Requirements - PIC12C5XX.......... 58
Table 10-3:
Reset, Watchdog Timer, and Device
Reset Timer - PIC12C5XX ........................ 59
Table 10-4:
Timer0 Clock Requirements -
PIC12C5XX ............................................... 60
Table 10-5:
MCLR Pull-up Resistor Ranges ................ 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com