Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega323 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATmega323
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega323 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATmega323 Datasheet HTML 3Page - ATMEL Corporation ATmega323 Datasheet HTML 4Page - ATMEL Corporation ATmega323 Datasheet HTML 5Page - ATMEL Corporation ATmega323 Datasheet HTML 6Page - ATMEL Corporation ATmega323 Datasheet HTML 7Page - ATMEL Corporation ATmega323 Datasheet HTML 8Page - ATMEL Corporation ATmega323 Datasheet HTML 9Page - ATMEL Corporation ATmega323 Datasheet HTML 10Page - ATMEL Corporation ATmega323 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 61 page
background image
AVR STK500 User Guide
2-1
Rev. 1925C–AVR–3/03
Section 2
Getting Started
2.1
Unpacking the
System
Kit contents:
n STK500 starter kit evaluation board
n Cables for STK500:
– (2 pcs) 10-wire cables for I/O ports and parallel mode programming
– (1 pc) 6-wire cable for In-System Programming
– (4 pcs) 2-wire cable for UART and DataFlash connections
n 9-pin RS-232 cable
n DC power cable
n Atmel CD-ROM with datasheets and software
n AT90S8515-8PC sample microcontroller
2.2
System
Requirements
The minimum hardware and software requirements are:
n 486 processor (Pentium® is recommended)
n 16 MB RAM
n 12 MB free hard disk space (AVR Studio)
n Windows® 95/98/2000/ME and Windows NT® 4.0 or higher
n 115200 baud RS-232 port (COM port)
n 10 - 15V DC power supply, 500 mA min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com