Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega323 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # ATmega323
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega323 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button ATmega323 Datasheet HTML 20Page - ATMEL Corporation ATmega323 Datasheet HTML 21Page - ATMEL Corporation ATmega323 Datasheet HTML 22Page - ATMEL Corporation ATmega323 Datasheet HTML 23Page - ATMEL Corporation ATmega323 Datasheet HTML 24Page - ATMEL Corporation ATmega323 Datasheet HTML 25Page - ATMEL Corporation ATmega323 Datasheet HTML 26Page - ATMEL Corporation ATmega323 Datasheet HTML 27Page - ATMEL Corporation ATmega323 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 61 page
background image
Hardware Description
3-14
AVR STK500 User Guide
1925C–AVR–3/03
3.7.2.2
Serial High-voltage
Programming
The 8-pin AVRs have too few pins to use parallel communication during High-voltage
Programming. They use serial communication instead.
This means that fewer signals have to be routed. Hardware setup for serial High-voltage
Programming is as follows:
1.
Switch power off.
2.
Place the device to program in its socket according to Table 3-3 on page 3-11.
3.
Mount jumper OSCSEL on pins 1 and 2 to select software-controlled clock.
4.
Mount jumper XTAL1 to route the oscillator signal to the device.
5.
Mount jumpers VTARGET and RESET.
6.
Use one 2-wire cable to connect the PB3 pin (pin 4) on the PORTB header to the
XT1 pin (pin 7) on the PORTE/AUX header. This will connect the clock system to
the AVR device.
7.
Use another 2-wire cable to connect the PB5 pin (pin 6) on the PORTB header to
the RST pin (pin 4) on the PORTE/AUX header. This will connect the reset sys-
tem to the AVR device.
8.
Use a third 2-wire cable to connect the PB0 and PB2 pins (pins 4 and 3) on the
SPROG1 header to the DATA0 and DATA2 pins (pins 1 and 3) on the PROG
DATA header.
9.
Use the last 2-wire cable to connect the PB1 pin (pin 1) on the SPROG1 header
to the DATA1 pin (pin 2) on the PROG DATA header.
10. Switch power on and you are ready to program.
All connections are shown in Figure 3-19.
Figure 3-19. Connection for Serial High-voltage Programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com