Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega323 Datasheet(PDF) 28 Page - ATMEL Corporation

Part # ATmega323
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega323 Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button ATmega323 Datasheet HTML 24Page - ATMEL Corporation ATmega323 Datasheet HTML 25Page - ATMEL Corporation ATmega323 Datasheet HTML 26Page - ATMEL Corporation ATmega323 Datasheet HTML 27Page - ATMEL Corporation ATmega323 Datasheet HTML 28Page - ATMEL Corporation ATmega323 Datasheet HTML 29Page - ATMEL Corporation ATmega323 Datasheet HTML 30Page - ATMEL Corporation ATmega323 Datasheet HTML 31Page - ATMEL Corporation ATmega323 Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 61 page
background image
Hardware Description
3-18
AVR STK500 User Guide
1925C–AVR–3/03
Figure 3-24. Internal AREF Connection
The AVR Studio-controlled analog reference voltage can also be used as an input to the
analog comparator or for ADC measurements on the AVR. AVR’s AREF signal can then
be connected to VTG.
The internal AREF has a short circuit protection. If an AREF value is set up to be higher
than 0.3V and the master microcontroller measures it to be below 0.3V for a duration of
80 ms, the master microcontroller will shut off the AREF. When this happens, the status
LED will blink slowly.
The AREF will also be shut down by the master microcontroller if a short circuit is
detected on VTARGET (in addition to shutting down VTARGET). In this case, the status
LED will blink quickly.
3.8.3
Reset Settings,
RESET
The RESET jumper controls the RESET signal to the STK500. When ISP programming
the target device in the socket, the master microcontroller programs the AVR device
without interfering with the application. When the RESET jumper is mounted, the master
microcontroller controls the RESET signal of the AVR. When the RESET jumper is not
mounted, the RESET signal is disconnected. This is useful for prototype applications
with an external reset system.
The RESET jumper must always be mounted when High-voltage Programming an AVR
device. When using an external reset system, it must allow the reset line to be controlled
by the master microcontroller reset system during programming. The RESET button is
disconnected if the RESET jumper is not mounted. Figure 3-25 explains the RESET
jumper options.
PE1
RST
GND
XT2
VTG
PE0
PE2
REF
XT1
GND
1 2
Master
MCU
AREF
PWM
AREF
PORTE/AUX
Jumper
Voltage
regulator
10 - 15V
VIN
0 - 6V
ADC
Wr
Rd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com