Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega323 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATmega323
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega323 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATmega323 Datasheet HTML 19Page - ATMEL Corporation ATmega323 Datasheet HTML 20Page - ATMEL Corporation ATmega323 Datasheet HTML 21Page - ATMEL Corporation ATmega323 Datasheet HTML 22Page - ATMEL Corporation ATmega323 Datasheet HTML 23Page - ATMEL Corporation ATmega323 Datasheet HTML 24Page - ATMEL Corporation ATmega323 Datasheet HTML 25Page - ATMEL Corporation ATmega323 Datasheet HTML 26Page - ATMEL Corporation ATmega323 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
Hardware Description
AVR STK500 User Guide
3-13
1925C–AVR–3/03
Figure 3-18. Jumper Settings for High-voltage Programming
Hardware setup for parallel High-voltage Programming:
1.
Switch power off.
2.
Place the device to program in its socket according to Table 3-3 on page 3-11.
3.
Connect the headers PROGDATA and PORTB with the 10-wire cable.
4.
Connect the headers PROGCTRL and PORTD with the 10-wire cable.
5.
Mount jumper OSCSEL on pins 1 and 2 to select software-controlled clock.
6.
Mount jumper XTAL1 to route the oscillator signal to the device.
7.
Mount jumpers VTARGET and RESET.
8.
When programming AT90S2333, AT90S4433, or ATmega8, mount both PJUMP
jumpers. The 2-wire cables can be used instead of jumpers.
9.
When programming ATmega16, ATmega163, ATmega161, ATmega128, or
ATmega323, mount the BSEL2 jumper. When programming ATmega8, connect
BSEL2 terminal to PC2. A 2-wire cable can be used instead of jumpers.
10. Disconnect target system.
11. Switch power on.
12. Ensure that VTARGET is between 4.5V and 5.5V before programming. See Sec-
tion 5.3.5.1.
For a complete description of jumper settings, see Section 3.8, “Jumper Settings”.
Note:
Remove the hardware setup for High-voltage Programming before starting a
debug session.
Jumpers
must be
Mounted
Device-
dependent
Jumpers
(See Below)
VTARGET
AREF
RESET
XTAL1
OSCSEL
BSEL2
PJUMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com