Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega323 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # ATmega323
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega323 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button ATmega323 Datasheet HTML 25Page - ATMEL Corporation ATmega323 Datasheet HTML 26Page - ATMEL Corporation ATmega323 Datasheet HTML 27Page - ATMEL Corporation ATmega323 Datasheet HTML 28Page - ATMEL Corporation ATmega323 Datasheet HTML 29Page - ATMEL Corporation ATmega323 Datasheet HTML 30Page - ATMEL Corporation ATmega323 Datasheet HTML 31Page - ATMEL Corporation ATmega323 Datasheet HTML 32Page - ATMEL Corporation ATmega323 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
Hardware Description
AVR STK500 User Guide
3-19
1925C–AVR–3/03
Figure 3-25. RESET Jumper Options
The STK500 master microcontroller controls the RESET signal to the target AVR. The
RESET signal is accessible on the PORTE/AUX header; this pin can also be used for
external RESET signal. Figure 3-26 shows the internal connection of the RESET signal.
Figure 3-26. Internal RESET Connection
Note:
During High-voltage Programming, STK500 applies 12V to the AVR’s RESET
line. Thus, an external reset circuit not capable of handling this must be discon-
nected before High-voltage Programming the AVR.
AREF
RESET
XTAL1
Jumper Mounted
AREF
RESET
XTAL1
Jumper not Mounted
On-board RESET Signal Disconnected
On-board RESET Signal Connected (default)
PE1
RST
GND
XT2
VTG
PE0
PE2
REF
XT1
GND
1 2
Master
MCU
RESET NET
0V - VTG - 12V
RESET
CIRCUIT
RESET
PORTE/AUX
RESET
Jumper



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com