Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega323 Datasheet(PDF) 35 Page - ATMEL Corporation

Part # ATmega323
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega323 Datasheet(HTML) 35 Page - ATMEL Corporation

Back Button ATmega323 Datasheet HTML 31Page - ATMEL Corporation ATmega323 Datasheet HTML 32Page - ATMEL Corporation ATmega323 Datasheet HTML 33Page - ATMEL Corporation ATmega323 Datasheet HTML 34Page - ATMEL Corporation ATmega323 Datasheet HTML 35Page - ATMEL Corporation ATmega323 Datasheet HTML 36Page - ATMEL Corporation ATmega323 Datasheet HTML 37Page - ATMEL Corporation ATmega323 Datasheet HTML 38Page - ATMEL Corporation ATmega323 Datasheet HTML 39Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 61 page
background image
Hardware Description
AVR STK500 User Guide
3-25
1925C–AVR–3/03
3.9.1
Signal Descriptions
The signals AUXI1, AUXI0, AUXO1, and AUXO0 are intended for future use. Do not
connect these signals to your application.
The DATA[7:0] and CT[7:1] signals are also found on the Prog Data and Prog Ctrl con-
nectors. These signals and connectors are explained in Section 3.10 on page 3-25.
The BSEL2 signal is the same as that found on the BSEL2 jumper. This jumper is
explained in Section 3.8.5 on page 3-22.
The SI, SO, SCK, and CS signals are connected to the DataFlash. Use of the DataFlash
is described in Section 3.6 on page 3-6.
NC means that this pin is not connected.
The remaining signals are equal to those found on the PORT connectors, explained in
Section 3.4 on page 3-3.
Note:
DATA, CT, and AUX signals are based on 5V CMOS logic. No voltage conver-
sion to adapt to VTG is done on these signals.
3.10
Prog Ctrl and
Prog Data
Headers
The Prog Ctrl and Prog Data headers are used for High-voltage Programming of the tar-
get AVR device. The placement of the headers is shown in Figure 3-33. During parallel
High-voltage Programming, the Prog Ctrl signals are routed to PORTD of the target
device. The Prog Data signals are routed to PORTB. See Section 3.7.2 on page 3-11 for
a complete description of High-voltage Programming. The pinouts of the Prog Ctrl and
Prog Data headers are shown in Figure 3-36 and Figure 3-37. For more information
about High-voltage Programming of AVR devices, see the programming section of each
AVR datasheet.
Note:
Prog Ctrl and Data connectors are connected directly to the master microcon-
troller without level converters. This means that these signals are always 5V
logic.
Figure 3-36. Prog Ctrl Header Pinout
The Prog Ctrl signals are normally used for the control signals when parallel High-
voltage Programming an AVR device.
Note:
All Prog Ctrl signals are based on 5V CMOS logic. No voltage conversion to
adapt to VTG is done on these signals.
CT1(RDY/BSY)
CT3(/WR)
CT5(XA0)
CT7(PAGEL)
NC
1 2
NC
(OE)CT2
(BS1)CT4
(XA1)CT6
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com