Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega323 Datasheet(PDF) 43 Page - ATMEL Corporation

Part # ATmega323
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega323 Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button ATmega323 Datasheet HTML 39Page - ATMEL Corporation ATmega323 Datasheet HTML 40Page - ATMEL Corporation ATmega323 Datasheet HTML 41Page - ATMEL Corporation ATmega323 Datasheet HTML 42Page - ATMEL Corporation ATmega323 Datasheet HTML 43Page - ATMEL Corporation ATmega323 Datasheet HTML 44Page - ATMEL Corporation ATmega323 Datasheet HTML 45Page - ATMEL Corporation ATmega323 Datasheet HTML 46Page - ATMEL Corporation ATmega323 Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 61 page
background image
Using AVR Studio
AVR STK500 User Guide
5-3
1925C–AVR–3/03
5.3.1.4
EEPROM
If the STK500 user interface is opened without a project loaded in AVR Studio, the “Use
Current Simulator/Emulator EEPROM Memory” option will be grayed out. When a
project is open, this option allows programming of the EEPROM memory content cur-
rently present in the EEPROM Memory view. For more information about AVR Studio
memory views, please take a look in the AVR Studio Help file.
If no project is running, or the source code is stored in a separate hex file, select the
“Input HEX File” option. Browse to the correct file by pressing the
button or type the
complete path and filename in the text field. The selected file must be in “Intel-hex” for-
mat or “extended Intel-hex” format.
5.3.2
“Fuses” Settings
In the “Fuses” tab an overview of accessible fuses are presented. Some fuses are only
available during High-voltage Programming. These will be displayed but not accessible
if operating in ISP programming mode. Press the “Read” button to read the current
value of the fuses, and the “Write” button to write the current fuse setting to the device.
Checking one of these check boxes indicates that this fuse should be enabled/pro-
grammed, which means writing a “0” to the fuse location in the actual device. Note that
the selected fuse setting is not affected by erasing the device with a chip-erase cycle
(i.e., pressing “Chip Erase” button in the “Program” settings).
Detailed information on what fuses are available in the different programming modes
and their functions can be found in the appropriate device datasheet.
Figure 5-3. Fuses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com