Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega323 Datasheet(PDF) 12 Page - ATMEL Corporation

Part # ATmega323
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega323 Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button ATmega323 Datasheet HTML 8Page - ATMEL Corporation ATmega323 Datasheet HTML 9Page - ATMEL Corporation ATmega323 Datasheet HTML 10Page - ATMEL Corporation ATmega323 Datasheet HTML 11Page - ATMEL Corporation ATmega323 Datasheet HTML 12Page - ATMEL Corporation ATmega323 Datasheet HTML 13Page - ATMEL Corporation ATmega323 Datasheet HTML 14Page - ATMEL Corporation ATmega323 Datasheet HTML 15Page - ATMEL Corporation ATmega323 Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 61 page
background image
Hardware Description
3-2
AVR STK500 User Guide
1925C–AVR–3/03
Figure 3-2. Implementation of LEDs and LED Headers
Note:
The AVR can source or sink enough current to drive a LED directly. In the
STK500 design, a transistor with two resistors is used to give the same amount
of light from the LED, whatever the target voltage (VTG) may be and to turn off
the LEDs when VTG is missing.
3.2
Description of
User Switches
The switches connected to the debug headers are implemented as shown in Figure 3-3.
Pushing a switch causes the corresponding SWx to be pulled low, while releasing it will
result in VTG on the appropriate switch header connector. Valid target voltage range is
1.8V < VTG < 6.0V.
Figure 3-3. Implementation of Switches and Switch Headers
Note:
In the AVR, the user can enable internal pull-ups on the input pins, removing the
need for an external pull-up on the push-button. In the STK500 design, we have
added an external 10K pull-up to give all users a logical “1” on SWn when the
push-button is not pressed. The 150R resistor limits the current going into the
AVR.
LED1
LED3
LED5
LED7
VTG
LED0
LED2
LED4
LED6
GND
1 2
LEDn
10K
VTG
+5V
150R
10K
150R
VTG
SWn
SWn
SW1
SW3
SW5
SW7
VTG
SW0
SW2
SW4
SW6
GND
1 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com