Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega323 Datasheet(PDF) 46 Page - ATMEL Corporation

Part # ATmega323
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega323 Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button ATmega323 Datasheet HTML 42Page - ATMEL Corporation ATmega323 Datasheet HTML 43Page - ATMEL Corporation ATmega323 Datasheet HTML 44Page - ATMEL Corporation ATmega323 Datasheet HTML 45Page - ATMEL Corporation ATmega323 Datasheet HTML 46Page - ATMEL Corporation ATmega323 Datasheet HTML 47Page - ATMEL Corporation ATmega323 Datasheet HTML 48Page - ATMEL Corporation ATmega323 Datasheet HTML 49Page - ATMEL Corporation ATmega323 Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
Using AVR Studio
5-6
AVR STK500 User Guide
1925C–AVR–3/03
Figure 5-6. Board
5.3.5.1
VTARGET
VTARGET controls the operating voltage for the target board. Through the use of the
slide bar or the text box, this voltage can be regulated between 0 and 6.0V in 0.1V incre-
ments. Please refer to the device datasheet to find the specified voltage range for the
selected device. Both voltages are read by pressing the “Read Voltages” button, and
written by pressing the “Write Voltages” button.
The physical connection of the VTARGET voltage is shown in Figure 3-22 on page 3-16.
5.3.5.2
AREF
AREF controls the analog reference voltage for the ADC converter. This setting only
apply to devices with AD converter. Through the use of the slide bar or the text box, this
voltage can be regulated between 0 and 6.0V in 0.1V increments. Please refer to the
device datasheet to find the valid voltage range for the selected device. Both VTARGET
and AREF are read by pressing the “Read Voltages” button, and written by pressing the
“Write Voltages” button.
It is not possible to set AREF to a higher voltage than VTARGET because this will per-
manently damage the AVR.
The physical connection of the AREF voltage is shown in Figure 3-24 on page 3-18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com