Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATmega323 Datasheet(PDF) 15 Page - ATMEL Corporation

Part # ATmega323
Description  AVR Studio Compatible
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega323 Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button ATmega323 Datasheet HTML 11Page - ATMEL Corporation ATmega323 Datasheet HTML 12Page - ATMEL Corporation ATmega323 Datasheet HTML 13Page - ATMEL Corporation ATmega323 Datasheet HTML 14Page - ATMEL Corporation ATmega323 Datasheet HTML 15Page - ATMEL Corporation ATmega323 Datasheet HTML 16Page - ATMEL Corporation ATmega323 Datasheet HTML 17Page - ATMEL Corporation ATmega323 Datasheet HTML 18Page - ATMEL Corporation ATmega323 Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
Hardware Description
AVR STK500 User Guide
3-5
1925C–AVR–3/03
3.5
Description of
User RS-232
Interface
The STK500 includes two RS-232 ports. One RS-232 port is used for communicating
with AVR Studio. The other RS-232 can be used for communicating between the target
AVR microcontroller in the socket and a PC serial port connected to the RS-232. To use
the RS-232, the UART pins of the AVR need to be physically connected to the RS-232.
The 2-pin header marked “RS232 SPARE” can be used for connecting the RS-232 con-
verter to the UART pins on the target AVR microcontroller in the socket. Use the 2-wire
cable to connect the UART pins to the RS-232. The connection is shown in Figure 3-9.
The block schematic of the RS-232 connection is shown in Figure 3-10.
Figure 3-9. Connection of I/O Pins to UART
Figure 3-10. Schematic of UART Pin Connections
TXD
RXD
Voltage
Converter
VTG
5V
MAX202CSE
470R
470R
1n2
1n2
2
3
5V
RS-232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com