Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85 Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # PCF85
Description  PCF85xxC-2 family 256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

PCF85 Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button PCF85 Datasheet HTML 8Page - Integrated Circuit Systems PCF85 Datasheet HTML 9Page - Integrated Circuit Systems PCF85 Datasheet HTML 10Page - Integrated Circuit Systems PCF85 Datasheet HTML 11Page - Integrated Circuit Systems PCF85 Datasheet HTML 12Page - Integrated Circuit Systems PCF85 Datasheet HTML 13Page - Integrated Circuit Systems PCF85 Datasheet HTML 14Page - Integrated Circuit Systems PCF85 Datasheet HTML 15Page - Integrated Circuit Systems PCF85 Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
1997 Feb 13
12
Philips Semiconductors
Product specification
256 to 1024
× 8-bit CMOS EEPROMs with
I2C-bus interface
PCF85xxC-2 family
11 I2C-BUS CHARACTERISTICS
All of the timing values are valid within the operating supply voltage and ambient temperature range and refer to VIL and
VIH with an input voltage swing from VSS to VDD; see Fig.10.
Note
1. The hold time required (not greater than 300 ns) to bridge the undefined region of the falling edge of SCL must be
internally provided by a transmitter.
SDA input/output (pin 5)
VIL
LOW level input voltage
−0.8
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
+6.5
V
VOL
LOW level output voltage
IOL = 3 mA; VDD(min)
−
0.4
V
ILO
output leakage current
VOH =VDD
−
1
µA
CI
input capacitance
VI =VSS
−
7pF
Data retention time
tS
data retention time
Tamb =55 °C10
−
years
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
fSCL
clock frequency
0
100
kHz
tBUF
bus free time between a STOP and START
condition
4.7
−µs
tHD;STA
START condition hold time after which first clock
pulse is generated
4.0
−µs
tLOW
LOW level clock period
4.7
−µs
tHIGH
HIGH level clock period
4.0
−µs
tSU;STA
set-up time for STARt condition
repeated start
4.7
−µs
tHD;DAT
data hold time
for bus compatible masters
5
−µs
for bus devices
note 1
0
−
ns
tSU;DAT
data set-up time
250
−
ns
tr
SDA and SCL rise time
−
1
µs
tf
SDA and SCL fall time
−
300
ns
tSU;STO
set-up time for STOP condition
4.0
−µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com