Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # PCF85
Description  PCF85xxC-2 family 256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

PCF85 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  PCF85 Datasheet HTML 1Page - Integrated Circuit Systems PCF85 Datasheet HTML 2Page - Integrated Circuit Systems PCF85 Datasheet HTML 3Page - Integrated Circuit Systems PCF85 Datasheet HTML 4Page - Integrated Circuit Systems PCF85 Datasheet HTML 5Page - Integrated Circuit Systems PCF85 Datasheet HTML 6Page - Integrated Circuit Systems PCF85 Datasheet HTML 7Page - Integrated Circuit Systems PCF85 Datasheet HTML 8Page - Integrated Circuit Systems PCF85 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
1997 Feb 13
3
Philips Semiconductors
Product specification
256 to 1024
× 8-bit CMOS EEPROMs with
I2C-bus interface
PCF85xxC-2 family
1
FEATURES
• Low power CMOS:
– maximum operating current:
2.0 mA (PCF8582C-2)
2.5 mA (PCF8594C-2)
4.0 mA (PCF8598C-2)
– maximum standby current 10
µA (at 6.0 V),
typical 4
µA
• Non-volatile storage of:
– 2 kbits organized as 256
× 8-bit (PCF8582C-2)
– 4 kbits organized as 512
× 8-bit (PCF8594C-2)
– 8 kbits organized as 1024
× 8-bit (PCF8598C-2)
• Single supply with full operation down to 2.5 V
• On-chip voltage multiplier
• Serial input/output I2C-bus
• Write operations:
– byte write mode
– 8-byte page write mode
(minimizes total write time per byte)
• Read operations:
– sequential read
– random read
• Internal timer for writing (no external components)
• Power-on-reset
• High reliability by using a redundant storage code
• Endurance: 1000000 Erase/Write (E/W) cycles at
Tamb =22 °C
• 10 years non-volatile data retention time
• Pin and address compatible to: PCF8570, PCF8571,
PCF8572 and PCF8581.
2
GENERAL DESCRIPTION
The PCF85xxC-2 is a family of floating gate Electrically
Erasable Programmable Read Only Memories
(EEPROMs) with 2, 4 and 8 kbits (256, 512 and
1024
× 8-bit). By using an internal redundant storage code
it is fault tolerant to single bit errors. This feature
dramatically increases the reliability compared to
conventional EEPROMs. Power consumption is low due to
the full CMOS technology used. The programming voltage
is generated on-chip, using a voltage multiplier.
As data bytes are received and transmitted via the serial
I2C-bus, a package using eight pins is sufficient. Up to
eight PCF85xxC-2 devices may be connected to the
I2C-bus. Chip select is accomplished by three address
inputs (A0, A1 and A2).
Timing of the E/W cycle is carried out internally, thus no
external components are required. Pin 7 (PTC) must be
connected to either VDD or left open-circuit. There is an
option of using an external clock for timing the length of an
E/W cycle.
3
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
2.5
6.0
V
IDDR
supply current read
fSCL = 100 kHz
VDD = 2.5 V
−
60
µA
VDD =6V
−
200
µA
IDDW
supply current E/W
fSCL = 100 kHz
PCF8582C-2
VDD = 2.5 V
−
0.6
mA
VDD =6V
−
2.0
mA
PCF8594C-2
VDD = 2.5 V
−
0.8
mA
VDD =6V
−
2.5
mA
PCF8598C-2
VDD = 2.5 V
−
1.0
mA
VDD =6V
−
4.0
mA
IDD(stb)
standby supply current
VDD = 2.5 V
−
3.5
µA
VDD =6V
−
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com