Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # PCF85
Description  PCF85xxC-2 family 256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

PCF85 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  PCF85 Datasheet HTML 1Page - Integrated Circuit Systems PCF85 Datasheet HTML 2Page - Integrated Circuit Systems PCF85 Datasheet HTML 3Page - Integrated Circuit Systems PCF85 Datasheet HTML 4Page - Integrated Circuit Systems PCF85 Datasheet HTML 5Page - Integrated Circuit Systems PCF85 Datasheet HTML 6Page - Integrated Circuit Systems PCF85 Datasheet HTML 7Page - Integrated Circuit Systems PCF85 Datasheet HTML 8Page - Integrated Circuit Systems PCF85 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1997 Feb 13
4
Philips Semiconductors
Product specification
256 to 1024
× 8-bit CMOS EEPROMs with
I2C-bus interface
PCF85xxC-2 family
4
ORDERING INFORMATION
5
DEVICE SELECTION
Table 1
Device selection code
Note
1. The Most Significant Bit (MSB) ‘b7’ is sent first.
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF8582C-2P
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
PCF8594C-2P
PCF8598C-2P
PCF8582C-2T
SO8
plastic small outline package; 8 leads (straight); body width 3.9 mm
SOT96-1
PCF8594C-2T
PCF8598C-2T
SO8
plastic small outline package; 8 leads; body width 7.5 mm
SOT176-1
SELECTION
DEVICE CODE
CHIP ENABLE
R/W
Bit
b7(1)
b6
b5
b4
b3
b2
b1
b0
Device
1
0
1
0
A2
A1
A0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com