Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # PCF85
Description  PCF85xxC-2 family 256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

PCF85 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button PCF85 Datasheet HTML 7Page - Integrated Circuit Systems PCF85 Datasheet HTML 8Page - Integrated Circuit Systems PCF85 Datasheet HTML 9Page - Integrated Circuit Systems PCF85 Datasheet HTML 10Page - Integrated Circuit Systems PCF85 Datasheet HTML 11Page - Integrated Circuit Systems PCF85 Datasheet HTML 12Page - Integrated Circuit Systems PCF85 Datasheet HTML 13Page - Integrated Circuit Systems PCF85 Datasheet HTML 14Page - Integrated Circuit Systems PCF85 Datasheet HTML 15Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
1997 Feb 13
11
Philips Semiconductors
Product specification
256 to 1024
× 8-bit CMOS EEPROMs with
I2C-bus interface
PCF85xxC-2 family
9
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
10 CHARACTERISTICS
VDD = 2.5 to 6.0 V; VSS =0V; Tamb = −40 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDD
supply voltage
−0.3
+6.5
V
VI
input voltage on any input pin
Zi > 500 Ω
VSS − 0.8 +6.5
V
II
input current on any input pin
−
1mA
IO
output current
−
10
mA
Tstg
storage temperature
−65
+150
°C
Tamb
operating ambient temperature
−40
+85
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Supplies
VDD
supply voltage
2.5
6.0
V
IDDR
supply current read
fSCL = 100 kHz
VDD = 2.5 V
−
60
µA
VDD = 6.0 V
−
200
µA
IDDW
supply current E/W
fSCL = 100 kHz
PCF8582C-2
VDD = 2.5 V
−
0.6
mA
VDD = 6.0 V
−
2.0
mA
PCF8594C-2
VDD = 2.5 V
−
0.8
mA
VDD = 6.0 V
−
2.5
mA
PCF8598C-2
VDD = 2.5 V
−
1.0
mA
VDD = 6.0 V
−
4.0
mA
IDD(stb)
standby supply current
VDD = 2.5 V
−
3.5
µA
VDD = 6.0 V
−
10
µA
PTC output (pin 7)
VIL
LOW level input voltage
−0.8
0.1VDD
V
VIH
HIGH level input voltage
0.9VDD
VDD + 0.8 V
SCL input (pin 6)
VIL
LOW level input voltage
−0.8
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
+6.5
V
ILI
input leakage current
VI =VDD or VSS
−±1
µA
fSCL
clock input frequency
0
100
kHz
CI
input capacitance
VI =VSS
−
7pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com