Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # PCF85
Description  PCF85xxC-2 family 256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

PCF85 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button PCF85 Datasheet HTML 3Page - Integrated Circuit Systems PCF85 Datasheet HTML 4Page - Integrated Circuit Systems PCF85 Datasheet HTML 5Page - Integrated Circuit Systems PCF85 Datasheet HTML 6Page - Integrated Circuit Systems PCF85 Datasheet HTML 7Page - Integrated Circuit Systems PCF85 Datasheet HTML 8Page - Integrated Circuit Systems PCF85 Datasheet HTML 9Page - Integrated Circuit Systems PCF85 Datasheet HTML 10Page - Integrated Circuit Systems PCF85 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1997 Feb 13
7
Philips Semiconductors
Product specification
256 to 1024
× 8-bit CMOS EEPROMs with
I2C-bus interface
PCF85xxC-2 family
8I2C-BUS PROTOCOL
The I2C-bus is for 2-way, 2-line communication between
different ICs or modules. The serial bus consists of two
bidirectional lines: one for data signals (SDA), and one for
clock signals (SCL).
Both the SDA and SCL lines must be connected to a
positive supply voltage via a pull-up resistor.
The following protocol has been defined:
• Data transfer may be initiated only when the bus is not
busy.
• During data transfer, the data line must remain stable
whenever the clock line is HIGH. Changes in the data
line while the clock line is HIGH will be interpreted as
control signals.
8.1
Bus conditions
The following bus conditions have been defined:
• Bus not busy: both data and clock lines remain HIGH.
• Start data transfer: a change in the state of the data
line, from HIGH-to-LOW, while the clock is HIGH,
defines the START condition.
• Stop data transfer: a change in the state of the data
line, from LOW-to-HIGH, while the clock is HIGH,
defines the STOP condition.
• Data valid: the state of the data line represents valid
data when, after a START condition, the data line is
stable for the duration of the HIGH period of the clock
signal. There is one clock pulse per bit of data.
8.2
Data transfer
Each data transfer is initiated with a START condition and
terminated with a STOP condition. The number of the data
bytes, transferred between the START and STOP
conditions is limited to 7 bytes in the E/W mode and
8 bytes in the page E/W mode.
Data transfer is unlimited in the read mode.
The information is transmitted in bytes and each receiver
acknowledges with a ninth bit.
Within the I2C-bus specifications a low-speed mode (2 kHz
clock rate) and a high speed mode (100 kHz clock rate)
are defined. The PCF85xxC-2 operates in both modes.
By definition a device that sends a signal is called a
‘transmitter’, and the device which receives the signal is
called a ‘receiver’. The device which controls the signal is
called the ‘master’. The devices that are controlled by the
master are called ‘slaves’.
Each byte is followed by one acknowledge bit. This
acknowledge bit is a HIGH level, put on the bus by the
transmitter. The master generates an extra acknowledge
related clock pulse. The slave receiver which is addressed
is obliged to generate an acknowledge after the reception
of each byte.
The master receiver must generate an acknowledge after
the reception of each byte that has been clocked out of the
slave transmitter.
The device that acknowledges has to pull down the SDA
line during the acknowledge clock pulse in such a way that
the SDA line is stable LOW during the HIGH period of the
acknowledge related clock pulse.
Set-up and hold times must be taken into account.
A master receiver must signal an end of data to the slave
transmitter by not generating an acknowledge on the last
byte that has been clocked out of the slave. In this event
the transmitter must leave the data line HIGH to enable the
master generation of the STOP condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com