Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85 Datasheet(PDF) 18 Page - Integrated Circuit Systems

Part # PCF85
Description  PCF85xxC-2 family 256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

PCF85 Datasheet(HTML) 18 Page - Integrated Circuit Systems

Back Button PCF85 Datasheet HTML 14Page - Integrated Circuit Systems PCF85 Datasheet HTML 15Page - Integrated Circuit Systems PCF85 Datasheet HTML 16Page - Integrated Circuit Systems PCF85 Datasheet HTML 17Page - Integrated Circuit Systems PCF85 Datasheet HTML 18Page - Integrated Circuit Systems PCF85 Datasheet HTML 19Page - Integrated Circuit Systems PCF85 Datasheet HTML 20Page - Integrated Circuit Systems PCF85 Datasheet HTML 21Page - Integrated Circuit Systems PCF85 Datasheet HTML 22Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
1997 Feb 13
18
Philips Semiconductors
Product specification
256 to 1024
× 8-bit CMOS EEPROMs with
I2C-bus interface
PCF85xxC-2 family
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(1)
Z (1)
eHE
LLp
Qy
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
inches
2.65
0.3
0.1
2.45
2.25
0.49
0.36
0.32
0.23
7.65
7.45
7.6
7.4
1.27
10.65
10.00
1.1
1.0
2.0
1.8
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
1.1
0.45
SOT176-1
91-08-13
95-02-25
X
4
8
θ
A
A1
A2
w M
bp
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
5
1
(A )
3
A
y
0.25
0.10
0.012
0.004
0.096
0.089
0.019
0.014
0.013
0.009
0.30
0.29
0.30
0.29
0.050
1.45
0.057
0.25
0.01
0.42
0.39
0.043
0.039
0.079
0.071
0.01
0.004
0.043
0.018
0.01
0
5
10 mm
scale
pin 1 index
SO8: plastic small outline package; 8 leads; body width 7.5 mm
SOT176-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com