Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85 Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # PCF85
Description  PCF85xxC-2 family 256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

PCF85 Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button PCF85 Datasheet HTML 6Page - Integrated Circuit Systems PCF85 Datasheet HTML 7Page - Integrated Circuit Systems PCF85 Datasheet HTML 8Page - Integrated Circuit Systems PCF85 Datasheet HTML 9Page - Integrated Circuit Systems PCF85 Datasheet HTML 10Page - Integrated Circuit Systems PCF85 Datasheet HTML 11Page - Integrated Circuit Systems PCF85 Datasheet HTML 12Page - Integrated Circuit Systems PCF85 Datasheet HTML 13Page - Integrated Circuit Systems PCF85 Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
1997 Feb 13
10
Philips Semiconductors
Product specification
256 to 1024
× 8-bit CMOS EEPROMs with
I2C-bus interface
PCF85xxC-2 family
8.5
Read operations
Read operations are initiated in the same manner as write
operations with the exception that the LSB of the slave
address is set to logic 1.
There are three basic read operations; current address
read, random read and sequential read sequential read.
8.5.1
REMARK
The lower 8 bits of the word address are incremented after
each transmission of a data byte (read or write). The MSB
of the word address, which is defined in the slave address,
is not changed when the word address count overflows.
Thus, the word address overflows from 255 to 0 and from
511 to 256.
Fig.8 Master reads PCF85xxC-2 slave after setting word address (write word address; read data).
handbook, full pagewidth
S0 A
SLAVE ADDRESS
WORD ADDRESS
A
A
SLAVE ADDRESS
acknowledge
from slave
acknowledge
from slave
acknowledge
from slave
R/W
acknowledge
from master
A
DATA
auto increment
word address
MBA703 - 1
P
no acknowledge
from master
1
DATA
auto increment
word address
last byte
R/W
S1
n bytes
at this moment master
transmitter becomes
master receiver and
EEPROM slave receiver
becomes slave transmitter
Fig.9 Master reads PCF85xxC-2 immediately after first byte (read mode).
handbook, full pagewidth
S
1A
SLAVE ADDRESS
DATA
A1
DATA
acknowledge
from slave
acknowledge
from master
no acknowledge
from master
R/W
auto increment
word address
MBA704 - 1
auto increment
word address
n bytes
last bytes
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com