Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85 Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # PCF85
Description  PCF85xxC-2 family 256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

PCF85 Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button PCF85 Datasheet HTML 10Page - Integrated Circuit Systems PCF85 Datasheet HTML 11Page - Integrated Circuit Systems PCF85 Datasheet HTML 12Page - Integrated Circuit Systems PCF85 Datasheet HTML 13Page - Integrated Circuit Systems PCF85 Datasheet HTML 14Page - Integrated Circuit Systems PCF85 Datasheet HTML 15Page - Integrated Circuit Systems PCF85 Datasheet HTML 16Page - Integrated Circuit Systems PCF85 Datasheet HTML 17Page - Integrated Circuit Systems PCF85 Datasheet HTML 18Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
1997 Feb 13
14
Philips Semiconductors
Product specification
256 to 1024
× 8-bit CMOS EEPROMs with
I2C-bus interface
PCF85xxC-2 family
12 WRITE CYCLE LIMITS
Selection of the chip address is achieved by connecting the A0, A1 and A2 inputs to either VSS or VDD.
13 EXTERNAL CLOCK TIMING
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
E/W cycle timing
tE/W
E/W cycle time
internal oscillator
−
7
−
ms
external clock
4
−
10
ms
Endurance
NE/W
E/W cycle per byte
Tamb = −40 to +85 °C
100000
−−
cycles
Tamb =22 °C
−
1000000
−
cycles
Fig.11 One byte E/W cycle.
handbook, full pagewidth
td
t HIGH
f
t
r
t
LOW
t
STOP
12
257
PTC
SDA
SCL
MBA697
Fig.12 n bytes E/W cycle (n=2to7).
handbook, full pagewidth
td
t HIGH
f
t
r
t
LOW
t
STOP
12
PTC
SDA
SCL
MBA698
n x 256 + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com