Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # PCF85
Description  PCF85xxC-2 family 256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

PCF85 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button PCF85 Datasheet HTML 2Page - Integrated Circuit Systems PCF85 Datasheet HTML 3Page - Integrated Circuit Systems PCF85 Datasheet HTML 4Page - Integrated Circuit Systems PCF85 Datasheet HTML 5Page - Integrated Circuit Systems PCF85 Datasheet HTML 6Page - Integrated Circuit Systems PCF85 Datasheet HTML 7Page - Integrated Circuit Systems PCF85 Datasheet HTML 8Page - Integrated Circuit Systems PCF85 Datasheet HTML 9Page - Integrated Circuit Systems PCF85 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
1997 Feb 13
6
Philips Semiconductors
Product specification
256 to 1024
× 8-bit CMOS EEPROMs with
I2C-bus interface
PCF85xxC-2 family
7
PINNING
7.1
Pin description PCF8582C-2
SYMBOL
PIN
DESCRIPTION
A0
1
address input 0
A1
2
address input 1
A2
3
address input 2
VSS
4
negative supply voltage
SDA
5
serial data input/output (I2C-bus)
SCL
6
serial clock input (I2C-bus)
PTC
7
programming time control output
VDD
8
positive supply voltage
Fig.2 Pin configuration PCF8582C-2.
handbook, halfpage
1
2
3
4
8
7
6
5
A0
A1
A2
VSS
SDA
SCL
PTC
VDD
PCF8582C-2
MGD928
7.2
Pin description PCF8594C-2
SYMBOL
PIN
DESCRIPTION
WP
1
write-protection input
A1
2
address input 1
A2
3
address input 2
VSS
4
negative supply voltage
SDA
5
serial data input/output (I2C-bus)
SCL
6
serial clock input (I2C-bus)
PTC
7
programming time control output
VDD
8
positive supply voltage
Fig.3 Pin configuration PCF8594C-2.
handbook, 2 columns
1
2
3
4
8
7
6
5
WP
A1
A2
VSS
SDA
SCL
PTC
VDD
PCF8594C-2
MGL001
7.3
Pin description PCF8598C-2
SYMBOL
PIN
DESCRIPTION
WP
1
write-protection input
n.c.
2
not connected
A2
3
address input 2
VSS
4
negative supply voltage
SDA
5
serial data input/output (I2C-bus)
SCL
6
serial clock input (I2C-bus)
PTC
7
programming time control output
VDD
8
positive supply voltage
Fig.4 Pin configuration PCF8598C-2.
handbook, halfpage
1
2
3
4
8
7
6
5
WP
n.c.
A2
VSS
SDA
SCL
PTC
VDD
PCF8598C-2
MGL002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com