Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF85 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # PCF85
Description  PCF85xxC-2 family 256 to 1024 쨈 8-bit CMOS EEPROMs with I2C-bus interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

PCF85 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button PCF85 Datasheet HTML 4Page - Integrated Circuit Systems PCF85 Datasheet HTML 5Page - Integrated Circuit Systems PCF85 Datasheet HTML 6Page - Integrated Circuit Systems PCF85 Datasheet HTML 7Page - Integrated Circuit Systems PCF85 Datasheet HTML 8Page - Integrated Circuit Systems PCF85 Datasheet HTML 9Page - Integrated Circuit Systems PCF85 Datasheet HTML 10Page - Integrated Circuit Systems PCF85 Datasheet HTML 11Page - Integrated Circuit Systems PCF85 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
1997 Feb 13
8
Philips Semiconductors
Product specification
256 to 1024
× 8-bit CMOS EEPROMs with
I2C-bus interface
PCF85xxC-2 family
8.3
Device addressing
Following a START condition the bus master must output
the address of the slave it is accessing. The 4 MSBs of the
slave address are the device type identifier (see Fig.5).
For the PCF85xxC-2 this is fixed to ‘1010’.
The next three significant bits address a particular device
or memory page (page = 256 bytes of memory). A system
could have up to eight PCF8582C-2 (or four PCF8594C-2
containing two memory pages each or two PCF8598C-2
containing four memory pages each, respectively) devices
on the bus. The eight addresses are defined by the state
of the A0, A1 and A2 inputs.
The last bit of the slave address defines the operation to
be performed. When set to logic 1 a read operation is
selected.
Address bits must be connected to either VDD or VSS.
8.4
Write operations
8.4.1
BYTE/WORD WRITE
For a write operation the PCF85xxC-2 requires a second
address field. This address field is a word address
providing access to the 256 words of memory. Upon
receipt of the word address the PCF85xxC-2 responds
with an acknowledge and awaits the next eight bits of data,
again responding with an acknowledge. Word address is
automatically incremented. The master can now terminate
the transfer by generating a STOP condition or transmit up
to six more bytes of data and then terminate by generating
a STOP condition.
Fig.5 Slave address.
handbook, halfpage
MBC793
101
0
A2
A1
A0 R/W
After this STOP condition the E/W cycle starts and the bus
is free for another transmission. Its duration is 10 ms per
byte.
During the E/W cycle the slave receiver does not send an
acknowledge bit if addressed via the I2C-bus.
8.4.2
PAGE WRITE
The PCF85xxC-2 is capable of an eight-byte page write
operation. It is initiated in the same manner as the byte
write operation. The master can transmit eight data bytes
within one transmission. After receipt of each byte the
PCF85xxC-2 will respond with an acknowledge.
The typical E/W time in this mode is 9
× 3.5 ms = 31.5 ms.
Erasing a block of 8 bytes in page mode takes typical
3.5 ms and sequential writing of these 8 bytes another
typical 28 ms.
After the receipt of each data byte the three low order bits
of the word address are internally incremented. The high
order five bits of the address remain unchanged. The slave
acknowledges the reception of each data byte with an
ACK. The I2C-bus data transfer is terminated by the
master after the 8th byte with a STOP condition. If the
master transmits more than eight bytes prior to generating
the STOP condition, no acknowledge will be given on the
ninth (and following) data bytes and the whole
transmission will be ignored and no programming will be
done. As in the byte write operation, all inputs are disabled
until completion of the internal write cycles.
8.4.3
REMARK
A write to the EEPROM is always performed if the pin WP
is LOW (not on PCF8582C-2). If WP is HIGH, then the
upper half of the EEPROM is write-protected and no
acknowledge will be given by the PCF85xxC-2 when one
of the upper 256 EEPROM bytes (PCF8594C-2) or
512 EEPROM bytes (PCF8598C-2) is addressed.
However, an acknowledge will be given after the slave
address and the word address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com