Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F613K Datasheet(PDF) 104 Page - Cypress Semiconductor

Part # MB95F613K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613K Datasheet(HTML) 104 Page - Cypress Semiconductor

Back Button MB95F613K Datasheet HTML 100Page - Cypress Semiconductor MB95F613K Datasheet HTML 101Page - Cypress Semiconductor MB95F613K Datasheet HTML 102Page - Cypress Semiconductor MB95F613K Datasheet HTML 103Page - Cypress Semiconductor MB95F613K Datasheet HTML 104Page - Cypress Semiconductor MB95F613K Datasheet HTML 105Page - Cypress Semiconductor MB95F613K Datasheet HTML 106Page - Cypress Semiconductor MB95F613K Datasheet HTML 107Page - Cypress Semiconductor MB95F613K Datasheet HTML 108Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 104 of 110
PRELIMINARY
MB95610H Series
18.6 Flash Memory Program/Erase Characteristics
*1: VCC = 5.5 V, TA = 25 °C, 0 cycle
*2: VCC = 2.4 V, TA = 85 °C, 100000 cycles
*3: These values were converted from the result of a technology reliability assessment. (These values were converted from the result
of a high temperature accelerated test using the Arrhenius equation with the average temperature being
85 °C.)
Parameter
Value
Unit
Remarks
Min
Typ
Max
Sector erase time
(2 Kbyte sector)
—0.3*1
1.6*2
s
The time of writing “0x00” prior to erasure is excluded.
Sector erase time
(32 Kbyte sector)
—0.6*1
3.1*2
s
The time of writing “0x00” prior to erasure is excluded.
Byte writing time
—
17
272
µs
System-level overhead is excluded.
Program/erase cycle
100000
—
—
cycle
Power supply voltage at
program/erase
2.4
—
5.5
V
Flash memory data
retention time
20*3
——
year
Average TA = 85 °C
Number of program/erase cycles: 1000 or below
10*3
——
Average TA = 85 °C
Number of program/erase cycles: 1001 to 10000 inclusive
5*3
——
Average TA = 85 °C
Number of program/erase cycles: 10001 or above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com