Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F613K Datasheet(PDF) 107 Page - Cypress Semiconductor

Part # MB95F613K
Description  F2MC-8FX CPU core
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95F613K Datasheet(HTML) 107 Page - Cypress Semiconductor

Back Button MB95F613K Datasheet HTML 102Page - Cypress Semiconductor MB95F613K Datasheet HTML 103Page - Cypress Semiconductor MB95F613K Datasheet HTML 104Page - Cypress Semiconductor MB95F613K Datasheet HTML 105Page - Cypress Semiconductor MB95F613K Datasheet HTML 106Page - Cypress Semiconductor MB95F613K Datasheet HTML 107Page - Cypress Semiconductor MB95F613K Datasheet HTML 108Page - Cypress Semiconductor MB95F613K Datasheet HTML 109Page - Cypress Semiconductor MB95F613K Datasheet HTML 110Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 107 / 110 page
background image
Document Number: 002-04698 Rev. *A
Page 107 of 110
PRELIMINARY
MB95610H Series
21. Package Dimension
80-pin plastic LQFP
Lead pitch
0.50 mm
Package width
×
package length
12.00 mm
× 12.00 mm
Lead shape
Gullwing
Lead bend
direction
Normal bend
Sealing method
Plastic mold
Mounting height
1.70 mm MAX
Weight
0.47 g
80-pin plastic LQFP
(FPT-80P-M37)
(FPT-80P-M37)
2009-2010 FUJITSU SEMICONDUCTOR LIMITED F80037S-c-1-2
120
40
21
60
41
80
61
INDEX
*12.00±0.10(.472±.004)SQ
14.00±0.20(.551±.008)SQ
0.50(.020)
0.22±0.05
(.009±.002)
M
0.08(.003)
0.145±0.055
(.006±.002)
0.08(.003)
"A"
(Stand off)
Details of "A" part
(.004±.002)
0.10±0.05
(.024±.006)
0.60±0.15
(.020±.008)
0.25(.010)
0.50±0.20
(Mounting height)
.059 –.004
+.008
–
0.10
+0.20
1.50
0~8°
C
Dimensions in mm (inches).
Note: The values in parentheses are reference values.
Note 1) * : These dimensions do not include resin protrusion.
Note 2) Pins width and pins thickness include plating thickness.
Note 3) Pins width do not include tie bar cutting remainder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com