Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9025AC-RNBGI Datasheet(PDF) 16 Page - Integrated Device Technology

Part # P9025AC-RNBGI
Description  5W, Qi Wireless Power Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9025AC-RNBGI Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button P9025AC-RNBGI Datasheet HTML 12Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 13Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 14Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 15Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 16Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 17Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 18Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 19Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 20Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
5W, QI WIRELESS POWER RECEIVER WITH INTEGRATED RECTIFIER AND LDO OUTPUT
16
09/01/15
P9025AC DATASHEET
Table 8: READ Registers - Frequency:
where COUNT is the decimal number represented by FREQ<10:1>.
Table 9: READ Registers – Miscellaneous Functions
Byte
Address
Byte
Name
Bit
Field
Field
Name
Type
Default
Value
Description
0X44
REG4
7
FREQ<10>
R
Frequency value (10 bits)
0X44
REG4
6
FREQ<9>
R
Frequency value (10 bits)
0X44
REG4
5
FREQ<8>
R
Frequency value (10 bits)
0X44
REG4
4
FREQ<7>
R
Frequency value (10 bits)
0X44
REG4
3
FREQ<6>
R
Frequency value (10 bits)
0X44
REG4
2
FREQ<5>
R
Frequency value (10 bits)
0X44
REG4
1
FREQ<4>
R
Frequency value (10 bits)
0X44
REG4
0
FREQ<3>
R
Frequency value (10 bits)
0X45
REG5
7
FREQ<2>
R
Frequency value (10 bits)
0X45
REG5
6
FREQ<1>
R
Frequency value (10 bits)
0X45
REG5
5
Reserved
R
Reserved
0X45
REG5
4
Reserved
R
Reserved
0X45
REG5
3
Reserved
R
Reserved
0X45
REG5
2
Reserved
R
Reserved
0X45
REG5
1
Reserved
R
Reserved
0X45
REG5
0
Reserved
R
Reserved
Byte
Address
Byte
Name
Bit
Field
Field Name
Type
Default
Value
Description
0X47
REG7
3
UVLO
R
1: VRECT is higher than UVLO threshold
0: No meaning.
0X47
REG7
2
CLAMP_ON
R
0: VRECT is lower than AC clamp threshold
1: VRECT is higher than AC clamp threshold
0X47
REG7
1
LDO_CL
R
0: Normal Operation
1: LDO current limit exceeded.
0X47
REG7
0
Reserved
R
Reserved
0X48
REG8
7
CHARGE_COMPLETE
R
0: No meaning
1: Charge Complete
0X48
REG8
6
Reserved
R
Reserved
0X48
REG8
5
Reserved
R
Reserved
0X48
REG8
4
Reserved
R
Reserved
0X48
REG8
3
Reserved
R
Reserved
0X48
REG8
2
Reserved
R
Reserved
0X48
REG8
1
DIE_TEMP
R
0: Die Temperature < 150C
1: Die Temperature >150C
0x48
REG8
0
TX_TYPE
R
0: TX is WPC
0x54
REG20
[7:0]
WPC_ID_B0
R
Unique IC identifier per WPC specification
0x55
REG21
[7:0]
WPC_ID_B1
R
Unique IC identifier per WPC specification
f
CLK
65536
COUNT
----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com