Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9025AC-RNBGI Datasheet(PDF) 13 Page - Integrated Device Technology

Part # P9025AC-RNBGI
Description  5W, Qi Wireless Power Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9025AC-RNBGI Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button P9025AC-RNBGI Datasheet HTML 9Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 10Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 11Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 12Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 13Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 14Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 15Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 16Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
09/01/15
13
5W, QI WIRELESS POWER RECEIVER WITH INTEGRATED RECTIFIER AND LDO OUTPUT
P9025AC DATASHEET
Application Information
External Components
The P9025AC requires a minimum number of external
components for proper operation, as indicated in the
Reference schematic.
LDO
Input Capacitor (VRECT Capacitors)
The LDO input capacitors (VRECT capacitors) should be
located as close as possible to the VRECT pins, and ground
(PGND). Ceramic capacitors are recommended for their lower
ESR and small profile.
VDD Capacitor
The P9025AC has an internal LDO regulator that must be
bypassed with a 1µF capacitor connected from the VDD pin to
GND. This capacitor should be as close as possible to the VDD
pin with a close GND connection.
Output Capacitor
A 0.1µF and a 4.7µF capacitors in parallel must be connected
from this pin to ground (PGND). The trace should be made as
short as practical for maximum device performance. Since the
LDO has been designed to function with very low ESR
capacitors, a ceramic capacitor is recommended for best
performance. For better transient response increase the total
amount of output capacitance. For 1-Amp load steps, an
output capacitance of at least 10µF is recommended.
NC and DNC Pins
NC pins that are indicated as “Not Internally Connected”
should be soldered to the PCB ground plane to improve
thermal performance with multiple vias exiting the bottom side
of the PCB. This improves heat flow away from the package
and minimizes package thermal gradients.
DNC pins that are indicated as “Internally connected” must be
left floating.
PCB Layout Considerations
For optimum device performance and lowest output phase
noise, IDT recommends that customers copy the reference
layout used in the P9025AC-R-EVK reference kit. More
information and layout files can be found at
http://www.idt.com/P9025AC-R-EVK.
Additional layout guidelines can be found in application note
AN-889 P9025AC Layout Guidelines. Users are encouraged
to read this document prior to starting a board design.
Power Dissipation and Thermal Requirements
The P9025AC is offered in a VFQFPN-32 package which has
a maximum power dissipation capability of about 1.9W. The
maximum power dissipation is determined by the number of
thermal vias between the package and the printed circuit
board, combined with the ability of the board to ultimately
transfer the thermal energy into the ambient environment. The
maximum power dissipation is defined by the dies specified
maximum operating junction temperature, TJ, of 125°C. The
junction temperature rises when the heat generated by the
device's power dissipation goes through the package thermal
resistance. The VFQFPN package offers a typical thermal
resistance, junction to ambient (ΘJA), of 35°C/W when the
PCB layout and surrounding devices are optimized as
described in application note AN-889 P9025AC Layout
Guidelines.
Thermal Overload Protection
The P9025AC integrates thermal overload shutdown circuitry
to prevent damage resulting from excessive thermal stress
that may be encountered under fault conditions. This circuitry
will shut down and reset the device if the die temperature
exceeds 150°C. To allow the maximum load current on each
regulator and the synchronous rectifier, and to prevent thermal
overload, it is important to ensure that the heat generated by
the P9025AC is dissipated efficiently into the PCB and
environment
End of Charge (EOC)
In the event of thermal shutdown (150°C), EN, CHG_END or
TEOP pins assertion the device turns off the LDO and
continually sends End Of Power (EOP) packets until the
transmitter removes the power and the rectifier voltage on the
receiver side drops below the UVLO threshold.
Special Notes
32-VFQFPN Package Assembly
Note 1
: Unopened Dry Packaged Parts have a one year shelf
life.
Note 2
: The HIC indicator card for newly-opened Dry
Packaged Parts should be checked. If there is any moisture
content, the parts must be baked for a minimum of 8 hours at
125°C within 24 hours of the assembly reflow process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com