Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9025AC-RNBGI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # P9025AC-RNBGI
Description  5W, Qi Wireless Power Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9025AC-RNBGI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button P9025AC-RNBGI Datasheet HTML 7Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 8Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 9Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 10Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 11Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 12Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 13Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 14Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
09/01/15
11
5W, QI WIRELESS POWER RECEIVER WITH INTEGRATED RECTIFIER AND LDO OUTPUT
P9025AC DATASHEET
Table 5: VRECT Target Range
Status Output
The STAT output goes low when the LDO output is enabled.
Interrupt Output
The INT output goes low to indicate that an Over-Current,
Over-Voltage or Over-Temperature event has occurred. See
the Electrical Specifications for threshold levels.
Enable Input
If the particular application requires the P9025AC to be
disabled, this can be accomplished with the EN pin. When the
EN pin is pulled high, the device is suspended and placed in
low current (sleep) mode. If the EN pin is pulled low or floating,
the device is active.
TEOP Input
The P9025AC can optionally be shut down with the TEOP pin.
This pin is typically used to shut down the P9025AC if the
battery charger or host system determines an over-limit high
temperature condition. When the TEOP pin is pulled high, the
P9025AC will disable its LDO output, and also send an
End-of-Power packet to the transmitter with code 0x03
(Over-Temperature code). In response to the End-of-Power
packet, the transmitter will immediately stop power transfer
and go into a sleeping (no power offered) condition for some
period of time. The amount of sleep time is not prescribed by
WPC and varies among different transmitters. A common
value used for this over-temperature sleep time is
approximately 5-minutes.
CHG_END / CS100
This pin has two functions. The Charge-End default function
can be used to terminate power transfer with the transmitter.
When CHG_END is pulled high, the P9025AC will send a
WPC End-of-Charge packet with a code value of 0x01
(Charge Complete code). In response to this, the transmitter
should immediately stop power transfer and go into a sleeping
(no power offered) condition for some period of time. The
amount of sleep time is not prescribed by WPC and varies
from 5-seconds to much longer, depending on the transmitter
design.
If the pin is set in Charge-Status mode, the device will send a
WPC Charge Status packet with value 100 (100% charge)
indicating a fully charged battery.
LDO
The primary output of the P9025AC device is a linear regulator
that receives its input from VRECT. The LDO supplies power to
the system and/or charging circuitry. The output provides a
nominal 5.3V with 1 A output current capability. The voltage is
intentionally set 0.3V higher than the standard 5V rail to
provide extra headroom for voltage drops that may be
encountered in the system under heavy loads.
Modulation/Communication
Receiver-to-transmitter communication is accomplished by
modulating the load seen by the receiver's inductor. To the
transmitter, this appears as an impedance change, which
results in measurable variations of the transmitter's output
waveform. Modulation is done with AC Modulation, using
internal switches to connect external capacitors from AC1 and
AC2 to ground. The communication protocol is covered in the
next section.
WPC Communication
The P9025AC communicates with the base via
communication packets. Each communication packet has the
following structure:
Figure 3. Communication Packet Structure
In accordance with the WPC specification, the power receiver
communicates with the power transmitter using load
modulation. The load seen by the power transmitter's inductor
is modulated on the receiver side in a periodic fashion to send
packets. The power transmitter detects this as a modulation of
coil current/voltage to receive the packet information.
VRECT
IOUT
7V
IOUT < 10% of ISET
6.3V
10% of ISET < IOUT < 20% of ISET
5.5V
20% of ISET < IOUT < 40% of ISET
5.45V
40% of ISET < IOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com