Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9025AC-RNBGI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # P9025AC-RNBGI
Description  5W, Qi Wireless Power Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9025AC-RNBGI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button P9025AC-RNBGI Datasheet HTML 3Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 4Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 5Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 6Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 7Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 8Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 9Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 10Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
09/01/15
7
5W, QI WIRELESS POWER RECEIVER WITH INTEGRATED RECTIFIER AND LDO OUTPUT
P9025AC DATASHEET
11
NC1
NC
Not internally connected. This pin may be connected to others to facilitate routing or to improve
thermal performance.
12
OUT
O
Regulated 5.3V output voltage. Connect a 1μF in parallel with 4.7 μF capacitor between the pin
and ground.
13
NC2
NC
Not internally connected. This pin may be connected to others to facilitate routing or to improve
thermal performance.
14
EN
I
Active-low enable pin. The chip is suspended and placed in low-current (sleep) mode when this pin
is pulled high. This pin has internal pulldown resistor to Analog Ground (AGND).
15
TEOP
I
Active-high over-temperature input pin. When pulled high, the chip will disable the LDO output and
send a WPC End-of-Power packet with code 0x03 (over-temperature code). This pin has an
internal pull down resistor to ground.
16
NC3
NC
Not internally connected. This pin may be connected to others to facilitate routing or to improve
thermal performance.
17
CLAMP2
I
AC clamp input 2. Connect a 0.47uF capacitor from this pin to AC2 pin.
18
PGND2
-
Power ground for the AC clamp FETs.
19
CLAMP1
I
AC clamp input 1. Connect a 0.47uF capacitor from this pin to AC1 pin.
20
FOD2
I
FOD2 adjustment. A resistor between this pin and AGND sets the FOD offset value used in the
internal FOD calculation.
21
ACM1
I
AC Modulation input 1. Connect a 22nF capacitor from this pin to AC1 pin.
22
PGND1
-
Power ground for the full-wave rectifier.
23
ACM2
I
AC Modulation input 2. Connect a 22nF capacitor from this pin to AC2 pin.
24
NC4
NC
Not internally connected. This pin may be connected to others to facilitate routing or to improve
thermal performance.
25
FOD1
I
A resistor between this pin and Analog Ground selects the FOD compensation curve that is used
for the internal FOD calculation.
26
SDA
I/O
I2C data port. Connect a 2.2k pullup resistor from this pin to OUT (PIN) voltage or the system IO
voltage rail. If not used, connect to ground.
27
SCL
I
I2C clock port. Connect a 2.2k pullup resistor from this pin to OUT voltage or the system IO voltage
rail. If not used, connect to ground.
28
AGND
-
Analog Ground connection.
29
VDD
O
Internal voltage supply. Connect a 1uF capacitor between this pin and Analog Ground. Do not
connect any external load to this pin.
30
AC2
I
AC2 input to the Internal full-wave rectifier.
31
PGND
-
Power ground for the full-wave rectifier.
32
STAT
O
Status output. A logic low state indicates that power is being transferred.
Pin #
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com