Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9025AC-RNBGI Datasheet(PDF) 15 Page - Integrated Device Technology

Part # P9025AC-RNBGI
Description  5W, Qi Wireless Power Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9025AC-RNBGI Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button P9025AC-RNBGI Datasheet HTML 11Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 12Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 13Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 14Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 15Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 16Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 17Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 18Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
09/01/15
15
5W, QI WIRELESS POWER RECEIVER WITH INTEGRATED RECTIFIER AND LDO OUTPUT
P9025AC DATASHEET
I2C Register Map
The P9025AC has a one-time programmable I2C address that is set to default 0X25h.
Table 6: READ Registers – VRECT Voltage: VRECT = 5 X ADC1<12:1> = [ADC1<12:1>] X 5 X [1.8V/2
12]
Table 7: Read Registers – IOUT Current:
IOUT is read directly from IOUT = ADC2<12:1> = [ADC1<12:1>] X [1.8A/212]
Byte
Address
Byte
Name
Bit
Field
Field
Name
Type
Default
Value
Description
0x40
REG0
7
ADC1<12>
R
VRECT ADC code (average of 8 consecutive measurements)
0x40
REG0
6
ADC1<11>
R
VRECT ADC code (average of 8 consecutive measurements)
0x40
REG0
5
ADC1<10>
R
VRECT ADC code (average of 8 consecutive measurements)
0x40
REG0
4
ADC1<9>
R
VRECT ADC code (average of 8 consecutive measurements)
0x40
REG0
3
ADC1<8>
R
VRECT ADC code (average of 8 consecutive measurements)
0x40
REG0
2
ADC1<7>
R
VRECT ADC code (average of 8 consecutive measurements)
0x40
REG0
1
ADC1<6>
R
VRECT ADC code (average of 8 consecutive measurements)
0x40
REG0
0
ADC1<5>
R
VRECT ADC code (average of 8 consecutive measurements)
0x41
REG1
7
ADC1<4>
R
VRECT ADC code (average of 8 consecutive measurements)
0x41
REG1
6
ADC1<3>
R
VRECT ADC code (average of 8 consecutive measurements)
0x41
REG1
5
ADC1<2>
R
VRECT ADC code (average of 8 consecutive measurements)
0x41
REG1
4
ADC1<1>
R
VRECT ADC code (average of 8 consecutive measurements)
0x41
REG1
3
Reserved
R
Reserved
0x41
REG1
2
Reserved
R
Reserved
0x41
REG1
1
Reserved
R
Reserved
0x41
REG1
0
Reserved
R
Reserved
Byte
Address
Byte
Name
Bit
Field
Field
Name
Type
Default
Value
Description
0x42
REG2
7
ADC2<12>
R
IOUT ADC code (average of 8 consecutive measurements)
0x42
REG2
6
ADC2<11>
R
IOUT ADC code (average of 8 consecutive measurements)
0x42
REG2
5
ADC2<10>
R
IOUT ADC code (average of 8 consecutive measurements)
0x42
REG2
4
ADC2<9>
R
IOUT ADC code (average of 8 consecutive measurements)
0x42
REG2
3
ADC2<8>
R
IOUT ADC code (average of 8 consecutive measurements)
0x42
REG2
2
ADC2<7>
R
IOUT ADC code (average of 8 consecutive measurements)
0x42
REG2
1
ADC2<6>
R
IOUT ADC code (average of 8 consecutive measurements)
0x42
REG2
0
ADC2<5>
R
IOUT ADC code (average of 8 consecutive measurements)
0X43
REG3
7
ADC2<4>
R
IOUT ADC code (average of 8 consecutive measurements)
0X43
REG3
6
ADC2<3>
R
IOUT ADC code (average of 8 consecutive measurements)
0X43
REG3
5
ADC2<2>
R
IOUT ADC code (average of 8 consecutive measurements)
0X43
REG3
4
ADC2<1>
R
IOUT ADC code (average of 8 consecutive measurements)
0X43
REG3
3
Reserved
R
Reserved
0X43
REG3
2
Reserved.
R
Reserved
0X43
REG3
1
Reserved.
R
Reserved
0x43
REG3
0
Reserved.
R
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com