Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9025AC-RNBGI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # P9025AC-RNBGI
Description  5W, Qi Wireless Power Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9025AC-RNBGI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button P9025AC-RNBGI Datasheet HTML 5Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 6Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 7Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 8Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 9Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 10Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 11Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 12Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
09/01/15
9
5W, QI WIRELESS POWER RECEIVER WITH INTEGRATED RECTIFIER AND LDO OUTPUT
P9025AC DATASHEET
Description of the Wireless Power Charging System
A wireless power charging system has a base station with one
or more transmitters that make power available via DC-to-AC
inverter(s) and transmit the power over a strongly-coupled
inductor pair to a receiver in a mobile device. The transmitter
may be a free-positioning or magnetically-guided type. A
free-positioning
type of transmitter has one coil or an array of
coils that offers limited spatial freedom to the end-user,
whereas a magnetically-guided type of transmitter helps the
end-user align the receiver to the transmitter with a magnetic
attraction.
The amount of power transferred to the mobile device is
controlled by the receiver. The receiver sends communication
packets to the transmitter to increase power, decrease power,
maintain the power level, or terminate power transfer. The bit
rate for Rx-to-Tx communication link is 2kbps. The
communication is digital and communication of 1's and 0's is
achieved by the Rx modulating the amount of load on the
receiver coil.
To conserve power, the transmitter places itself in a
very-low-power sleep mode unless it detects the presence of
a receiver. Once a receiver is detected, the transmitter exits
sleep mode and begins the power transfer per the WPC
specification.
Theory of Operation
The P9025AC is a highly-integrated WPC (Wireless Power
Consortium)-compliant wireless power receiver IC for mobile
devices. It can transfer 5W of power from a wireless
transmitter to a load (ex. a battery charger) in WPC "Qi" mode
using near-field magnetic induction. For complete details of
the WPC wireless power systems, refer to the WPC
specifications and other materials at
http://www.wirelesspowerconsortium.com.
Overview
The simplified internal block diagram of the P9025AC is
shown on page 8. An external inductor and capacitor transfers
energy from the transmitter's coil through the P9025AC's AC1
and AC2 pins to be full-wave-rectified and stored on a
capacitor connected to VRECT. Until the voltage across the
capacitor exceeds the threshold of the VIN_UVLO block, the
rectification is performed by the body diodes of the
Synchronous Full Bridge Rectifier FETs. After the internal
biasing circuit is enabled, the Driver and Control block
operates the MOSFET switches in the rectifier synchronously
with the applied AC signal for increased efficiency. An internal
ADC monitors the voltage at VRECT and the load current.
Using this information, the P9025AC sends instructions to the
wireless power transmitter to increase, maintain, or decrease
the amount of power transferred. The P9025AC may also
instruct the transmitter to terminate power transmission based
on various conditions and other inputs.
Power Control
The voltage at VRECT and the current through the rectifier are
sampled periodically and digitized by the ADC. The digital
equivalents of the voltage and current are supplied to the
internal control logic, which decides whether the loading
conditions on VRECT indicate that a change in the operating
point is required. If the load is heavy enough to bring the
voltage at VRECT below its target, the transmitter is instructed
to move its frequency lower, closer to resonance. If the voltage
at VRECT is higher than its target, the transmitter is instructed
to increase its frequency. To maximize efficiency, the voltage
at VRECT is programmed to decrease and become closer to
the LDO output voltage as the LDO's load current increases.
When the load current is small, a higher VRECT is desirable so
that the system can better handle a sudden load increase.
WPC Characteristics
Startup and Power Transfer
When a mobile device containing the P9025AC is placed on a
WPC "Qi" charging pad, it responds to the transmitter's "ping"
signal by rectifying the AC power from the transmitter and
storing it on a capacitor connected to VRECT. During the "ping"
phase, the rectifier provides about 5V at the VRECT pin. An
internal linear voltage regulator provides the supply voltage for
the digital section to enable WPC communication. To increase
the reliability of the communication, an internal load of about
15mA is connected to VRECT until the external load is large
enough to support communication.
The P9025AC then communicates its Identification and
Configuration information to the transmitter. After this, the
system is in the Power Transfer state. The control loop of the
P9025AC then adjusts the rectifier voltage to 7V by sending
Control Error Packets instruction to the transmitter. The LDO
output is enabled and power is delivered to the load after
VRECT initially reaches 7V.
During power delivery to the load, the P9025AC control circuit
continues to send Control Error Packets to the transmitter to
adjust the rectifier voltage to the level required to maximize
the efficiency of the linear regulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com