Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9025AC-RNBGI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # P9025AC-RNBGI
Description  5W, Qi Wireless Power Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9025AC-RNBGI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button P9025AC-RNBGI Datasheet HTML 2Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 3Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 4Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 5Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 6Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 7Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 8Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 9Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
5W, QI WIRELESS POWER RECEIVER WITH INTEGRATED RECTIFIER AND LDO OUTPUT
6
09/01/15
P9025AC DATASHEET
Pin Configuration
Pin Descriptions
Pin #
Name
Type
Function
1INT
O
Interrupt output. Open drain output pin. A low state indicates that an over-current, over-voltage, or
over-temperature condition has occurred. If used, connect a 100KΩ pullup resistor to the OUT pin
or compatible system I/O voltage rail.
2
DNC1
DNC
DO NOT connect. It is internally connected. This pin must be left floating.
3
DNC2
DNC
DO NOT connect. It is internally connected. This pin must be left floating.
4
BST2
O
Bootstrap output for high-side rectifier FET 2. Connect a 0.01µF capacitor from AC2 pin to BST2.
5
BST1
O
Bootstrap output for high-side rectifier FET 1. Connect a 0.01µF capacitor from AC1 pin to BST1.
6
AC1
I
AC1 input to the Internal full-wave rectifier.
7
VRECT
O
Output of the full-wave rectifier. Bypass this pin with ceramic capacitors to power ground.
8
RLIM
I
Current-limit resistor. A resistor connected between this pin and ground sets the current limit of the
5V LDO output.
9
SNS
I
LDO output sense pin. Connect to the OUT pin.
10
CHG_END /
CS100
I
Active-high input pin. Default setting is a Charge-End active-high input from an external battery
charger to terminate power transfer. Alternatively, a Charge-Status active high input which will
send a WPC Charge Status packet with value 100 (100% charge). This pin has an internal pull
down resistor.
1
2
3
4
5
6
7
8
23
22
21
20
19
18
17
24
INT
DNC1
DNC2
BST2
BST1
AC1
VRECT
RLIM
NC4
ACM2
PGND1
ACM1
FOD2
CLAMP1
PGND2
CLAMP2
EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com