Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9025AC-RNBGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # P9025AC-RNBGI
Description  5W, Qi Wireless Power Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9025AC-RNBGI Datasheet(HTML) 3 Page - Integrated Device Technology

  P9025AC-RNBGI Datasheet HTML 1Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 2Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 3Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 4Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 5Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 6Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 7Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 8Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
09/01/15
3
5W, QI WIRELESS POWER RECEIVER WITH INTEGRATED RECTIFIER AND LDO OUTPUT
P9025AC DATASHEET
Electrical Specifications Table
Table 4: Device Characteristics
VRECT = 6V, COUT = 1µF, CVRECT = 20µF, VEN = GND, TA = 0 to +85°C, unless otherwise noted. Typical values are at 25°C.
Symbol
Description
Conditions
Min
Typ
Max
Units
VRECT Under-Voltage Lock-out
VUVLO
Under-voltage Lockout
Rising voltage on VRECT
2.3
2.5
2.7
V
VUVLO-HYS UVLO Hysteresis
50
mV
VRECT Over-Voltage Protection
VOVP
Over-Voltage VRECT
Rising voltage on VRECT
13.3
V
VOVP-HYS
Over-Voltage Hysteresis
1.5
V
Power Supply Current
IRECT
Quiescent Current
IOUT = 0mA, with internal load
14
16
18
mA
IOUT = 0mA, no internal load
2
3
4
mA
Low-drop-out Regulator
ILIM
Output Current Limit
RLIM = 30kΩ
1.15
1.6
1.95
A
RLIM < 25KΩ1
2.0
VOUT
Regulated
Output Voltage
IOUT = 0mA to 1000mA
5.04
5.3
5.56
V
VDD Voltage (For Internal Supply Use Only)
VDD_INT
Internal Supply Voltage
IVDD = 100A, maximum allowable load for
test purposes
4.44
4.54
4.64
V
Thermal Shutdown
TSHD
Thermal Shutdown
Threshold
Temperature rising
150
°C
Temperature falling
130
°C
Digital Input and Output Characteristics
VIL
Logic Level Input Low
EN, TEOP
0.4
V
VIH
Logic level Input High
EN, TEOP
1.3
V
VOL
Open Drain; STAT, INT
ISTAT = 4mA
400
mV
RPD
Pull-down Resistance
EN
200
kΩ
TEOP
1000
Switch On-resistance
RDSON
ACM1, ACM2 Switches
150mA
2500
mΩ
CLAMP1, CLAMP2
Switches
600
mΩ
Rectifier Bridge Switches
250
mΩ
SCL, SDA (I2C Interface)
fSCL
Clock Frequency
0
400
kHz
tLOW
Clock Low Period
1.3
µs
tHIGH
Clock High Period
0.6
µs
tHD,STA
Hold Time (Repeated) for
START Condition
0.6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com