Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9025AC-RNBGI Datasheet(PDF) 14 Page - Integrated Device Technology

Part # P9025AC-RNBGI
Description  5W, Qi Wireless Power Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9025AC-RNBGI Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button P9025AC-RNBGI Datasheet HTML 10Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 11Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 12Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 13Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 14Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 15Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 16Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 17Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
5W, QI WIRELESS POWER RECEIVER WITH INTEGRATED RECTIFIER AND LDO OUTPUT
14
09/01/15
P9025AC DATASHEET
Reference Schematic (P9025AC-R-EVK V1.0)
The reference schematic bill-of-materials can be found in the P9025AC-R-EVK reference board manual.
Rx COIL CONNECTIONS
AGND
28
PGND1
22
PGND2
18
VDD
29
VRECT
7
PGND
31
EPAD
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com