Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9025AC-RNBGI Datasheet(PDF) 17 Page - Integrated Device Technology

Part # P9025AC-RNBGI
Description  5W, Qi Wireless Power Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9025AC-RNBGI Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button P9025AC-RNBGI Datasheet HTML 12Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 13Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 14Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 15Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 16Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 17Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 18Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 19Page - Integrated Device Technology P9025AC-RNBGI Datasheet HTML 20Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
09/01/15
17
5W, QI WIRELESS POWER RECEIVER WITH INTEGRATED RECTIFIER AND LDO OUTPUT
P9025AC DATASHEET
Table 10: Read-Write physical FOD registers:
0x56
REG22
[7:0]
WPC_ID_B2
R
Unique IC identifier per WPC specification
0x57
REG23
[7:0]
WPC_ID_B3
R
Unique IC identifier per WPC specification
0x58
REG24
[7:0]
WPC_ID_B4
R
Unique IC identifier per WPC specification
0x59
REG25
[7:0]
WPC_ID_B5
R
Unique IC identifier per WPC specification
0x5A
REG26
[7:0]
WPC_ID_B6
R
Unique IC identifier per WPC specification
0x5B
REG27
[7:0]
Reserved
R
Reserved
0x5C
REG28
[7:0]
Reserved
R
Reserved
0x5D
REG29
[7:0]
Reserved
R
Reserved
0x5E
REG30
[7:0]
Reserved
R
Reserved
0x5F
REG31
[7:0]
Reserved
R
Reserved
0x60
REG32
[7:0]
Reserved
R
Reserved
0x61
REG33
[7:0]
Reserved
R
Reserved
0x62
REG34
[7:0]
Reserved
R
Reserved
0x63
REG35
[7:0]
Reserved
R
Reserved
0x64
REG36
[7:0]
Reserved
R
Reserved
0x65
REG37
[7:0]
Reserved
R
Reserved
Byte
Address
Byte
Name
Bit
Field
Field Name
Type
Default
Value
Description
0x49
REG9
0-7
FOD9<0-7>
R/W
0
mcf correction for Region 1 IO1, IO2, IO3 = 000
0x4A
REG10
0-7
FOD10<0-7>
R/W
0
bcf correction for Region 1 IO1, IO2, IO3 = 000
0x4B
REG11
0-7
FOD11<0-7>
R/W
0
mcf correction for Region 2 IO1, IO2, IO3 = 010
0x4C
REG12
0-7
FOD12<0-7>
R/W
0
bcf correction for Region 2 IO1, IO2, IO3 = 010
0x4D
REG13
0-7
FOD13<0-7>
R/W
0
mcf correction for Region 3 IO1, IO2, IO3 =100
0x4E
REG14
0-7
FOD14<0-7>
R/W
0
bcf correction for Region 3 IO1, IO2, IO3 = 100
0x4F
REG15
0-7
FOD15<0-7>
R/W
0
mcf correction for Region 4 IO1,IO2,IO3 = 110
0x50
REG16
0-7
FOD16<0-7>
R/W
0
bcf correction for Region 4 IO1, IO2, IO3 = 110
0x51
REG17
0-7
FOD17<0-7>
R/W
0
mcf correction for Region 5 IO1, IO2, IO3 = 111
0X52
REG18
0-7
FOD18<0-7>
R/W
0
bcf correction for Region 5 IO1, IO2, IO3 = 111
0X53
REG19
0-7
FOD19<0-7>
R/W
0
bcf correction for start-up phase
Byte
Address
Byte
Name
Bit
Field
Field Name
Type
Default
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com