Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9027LP-R Datasheet(PDF) 19 Page - Integrated Device Technology

Part # P9027LP-R
Description  Wireless Power Receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9027LP-R Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button P9027LP-R Datasheet HTML 15Page - Integrated Device Technology P9027LP-R Datasheet HTML 16Page - Integrated Device Technology P9027LP-R Datasheet HTML 17Page - Integrated Device Technology P9027LP-R Datasheet HTML 18Page - Integrated Device Technology P9027LP-R Datasheet HTML 19Page - Integrated Device Technology P9027LP-R Datasheet HTML 20Page - Integrated Device Technology P9027LP-R Datasheet HTML 21Page - Integrated Device Technology P9027LP-R Datasheet HTML 22Page - Integrated Device Technology P9027LP-R Datasheet HTML 23Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
P9027LP-R Datasheet
© 2016 Integrated Device Technology, Inc
19
April 28, 2016
I2C Register map
The default I2 C slave address is 0x68.
The intent of this register is to identify the device is P9027LP-R.
Table 11. Device Identification
Byte
Address
Byte Name
Bit
Field Typical
Default
Value
Description
0xFC
Part_number_H
7:0
R/W
0x90
High byte of part number
0xFD
Part_number_L
7:0
R/W
0x27
Low byte of device naming code
This register will provides information about firmware version programmed into the IC.
Table 12. Firmware Version ID
Byte
Address
Byte Name
Bit
Field Typical
Default
Value
Description
0xFF
CHIP_ID_L
7:0
R
0xAB
Firmware version
All the faults can cause P9027LP-R send EPT (End of Power Transfer) package with different values or pull INT pin high. The faults can be
enabled by setting Masked Fault Enable Register. Bit of FLT_RAW will be set if corresponding fault condition is trigged.
Table 13. Masked Fault Enable Register
Byte
Address Byte Name
Bit
Field Typical
Default
Value
Description
0xD4
FLT_RAW_15
7
R
0
Reserved.
0xD4
FLT_RAW_14
6
R
0
Reserved.
0xD4
FLT_RAW_13
5
R
0
Reserved
0xD4
FLT_RAW_12
4
R
0
Reserved.
0xD4
FLT_RAW_11
3
R
0
Reserved
0xD4
FLT_RAW_10
2
R
0
Reserved.
0xD4
FLT_RAW_9
1
R
0
Reserved
0xD4
FLT_RAW_8
0
R
0
Reserved
0xD5
FLT_RAW_7
7
R
0
TS2 voltage is above programmed voltage.
0xD5
FLT_RAW_6
6
R
0
TS1 voltage is above programmed voltage.
0xD5
FLT_RAW_5
5
R
0
“1” when die temperature is greater than Tdie_shutdown.
0xD5
FLT_RAW_4
4
R
0
Reserved
0xD5
FLT_RAW_3
3
R
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com