Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9027LP-R Datasheet(PDF) 11 Page - Integrated Device Technology

Part # P9027LP-R
Description  Wireless Power Receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9027LP-R Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button P9027LP-R Datasheet HTML 7Page - Integrated Device Technology P9027LP-R Datasheet HTML 8Page - Integrated Device Technology P9027LP-R Datasheet HTML 9Page - Integrated Device Technology P9027LP-R Datasheet HTML 10Page - Integrated Device Technology P9027LP-R Datasheet HTML 11Page - Integrated Device Technology P9027LP-R Datasheet HTML 12Page - Integrated Device Technology P9027LP-R Datasheet HTML 13Page - Integrated Device Technology P9027LP-R Datasheet HTML 14Page - Integrated Device Technology P9027LP-R Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
P9027LP-R Datasheet
© 2016 Integrated Device Technology, Inc
11
April 28, 2016
Table 5. Pin Description (Continued)
Pins
Name
Typical Description
TS1
G5
Remote temperature sensor 1. If not used, connect to AGND.
SDA
H2
I/O
I2C data pin. Open drain output. Connect a 5.1 K resistor from this pin to VDD.
SCL
H3
I
I2C clock pin. Open drain output. Connect a 5.1 K resistor from this pin to VDD.
INT
H4
O
Fault interrupt flag pin. It is an open-drain output that signals fault interrupts. It pulls low
when EN is high, EOC is high, die temperature reaches 130°C, TS1, or TS2 are triggered.
ACT
H5
O
Active flag pin. Open drain output. Connect the cathode of the LED to this pin. When pulled
low, it indicates connection between receiver and transmitter is established.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com