Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9027LP-R Datasheet(PDF) 4 Page - Integrated Device Technology

Part # P9027LP-R
Description  Wireless Power Receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9027LP-R Datasheet(HTML) 4 Page - Integrated Device Technology

  P9027LP-R Datasheet HTML 1Page - Integrated Device Technology P9027LP-R Datasheet HTML 2Page - Integrated Device Technology P9027LP-R Datasheet HTML 3Page - Integrated Device Technology P9027LP-R Datasheet HTML 4Page - Integrated Device Technology P9027LP-R Datasheet HTML 5Page - Integrated Device Technology P9027LP-R Datasheet HTML 6Page - Integrated Device Technology P9027LP-R Datasheet HTML 7Page - Integrated Device Technology P9027LP-R Datasheet HTML 8Page - Integrated Device Technology P9027LP-R Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
P9027LP-R Datasheet
© 2016 Integrated Device Technology, Inc
4
April 28, 2016
Electrical Specification Table (Continued)
VRECT=6.5 V, COUT=CVRECT=20 µF, CFLY=47 nF, CVDD=1 µF, EN
̅̅̅̅=GND, VOUT=5 V, TA= 0 to +85°C, unless otherwise noted. Typical values are
25°C.
Table 4. Electrical Specification Table (Continued)
Symbol
Description
Conditions
Min
Typical
Max
Units
12-bit Analog to Digital Converter
VREF
Reference voltage
1.8
V
FSR Error1
VDD = 5.0 V
0.1
2.3
% FSR
VDD = 5.0 V, TA = 25 oC
0.1
0.6
fSAMPLE
Sampling rate
60
kS/s
VHDR, VSET, TS1, TS2, IOC
ISRC
Source current
VDD = 3.0 - 5.5V
98
100
102
μA
VRSNS
Sense voltage
0
1.8
V
RSET
Resistor range
1% tolerance
0
18
kΩ
Digital Inputs and Outputs (SCL, SDA,
EN
̅̅̅̅, INT
̅̅̅̅̅, ACT
̅̅̅̅̅̅, EOC)
VOL
Open drain:
INT
̅̅̅̅̅, ACT
̅̅̅̅̅̅
ISINK = 4 mA
0.4
V
VIH
Input logic high voltage
1.0
V
VIL
Input logic low Voltage
0.4
V
I2C Interface
VIH
Input high voltage
SCL, SDA
1.1
V
VIL
Input low Voltage
SCL, SDA
0.4
V
fSCL
Clock frequency
400
kHz
CB
Capacitive load
150
pF
CBIN
SCL,
SDA
input
capacitance
5
pF
tHD,STA
Hold Time (Repeated) for
START Condition
0.6
µs
tHD:DAT
Data Hold Time
0
ns
tLOW
Clock Low Period
1.3
µs
tHIGH
Clock High Period
0.6
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com