Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9027LP-R Datasheet(PDF) 15 Page - Integrated Device Technology

Part # P9027LP-R
Description  Wireless Power Receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9027LP-R Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button P9027LP-R Datasheet HTML 11Page - Integrated Device Technology P9027LP-R Datasheet HTML 12Page - Integrated Device Technology P9027LP-R Datasheet HTML 13Page - Integrated Device Technology P9027LP-R Datasheet HTML 14Page - Integrated Device Technology P9027LP-R Datasheet HTML 15Page - Integrated Device Technology P9027LP-R Datasheet HTML 16Page - Integrated Device Technology P9027LP-R Datasheet HTML 17Page - Integrated Device Technology P9027LP-R Datasheet HTML 18Page - Integrated Device Technology P9027LP-R Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
P9027LP-R Datasheet
© 2016 Integrated Device Technology, Inc
15
April 28, 2016
accomplished internally through sensing circuitry and then digitized by ADC. The current sensing does not vary with the temperature. Refer to
the Electrical Characteristic Table for current sense accuracy. The internal current sensing accuracy degrades during light-load conditions.
When the over-current limit is tripped, the P9027LP-R sends End of Power Transfer Over-Current packet (EPT: OC) to the P9235A-R,
shutting down the entire system. In the event the transmitter fails to recognize the packet, the receiver will continue sending the EPT: OC
packet up to 12 times.
The OC limit is typically set to ~24% higher than maximum load. Please refer to
Table 8 below for different current protection thresholds.
Table 8. Resistor Value, Over-current Setting
Resistor ( KΩ )
IOC Limit
Max. Output Current
GND
Disabled
-
2.26
260mA
200mA
6.19
540mA
400mA
9.53
780mA
600mA
Enable pin - ��������
The enable pin (
EN ) is an active low logic. When connected to logic high, the receiver shuts down by sending an End of Power Transfer
(EPT) packet to P9235A-R and forces the OUT pin to high impedance state. When connected to a logic low, the device operates in normal
mode.
Active Flag pin - ������������
The
ACT pin is an open drain output indicator. Connect a LED from this pin to OUT to indicate connection between the receiver and the
transmitter has been established and the power is being transferred.
Interrupt pin - ������������
The P9027LP-R provides an open-drain, active low interrupt output pin. It is asserted high when
EN is high, EOC is logic high, die
temperature reaches 130°C, TS1 or TS2 and thermal shutdown have been triggered. During normal operation, the
INT pin is pulled high.
This pin can be connected to the interrupt input of a microcontroller. The source of what triggered the interrupt is available in I2 C register.
End of Charge - EOC
The End of Charge feature is a dedicated pin that forces the P9235A-R to terminate power transfer when the EOC is logic high. When EOC is
asserted, the device issues an End Power Transfer (EPT) packet to the transmitter terminating all activities by placing P9235A-R into standby
mode. The P9235A-R will start digital ping after five minutes or if the P9027LP-R is removed.
Remote Temperature Sensing
The P9027LP has two temperature sensor inputs, TS1 and TS2 that can be used to monitor two remote locations such as the battery and the
Rx coil. It is recommended to use an NTC thermistor typical 10 kΩ, depending on the temperature range of interest (0 kΩ – 18 kΩ). The basic
characteristic of an NTC thermistor is given below for reference.


0
0
T
1
T
1
B
exp
R
R
Where:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com