Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9027LP-R Datasheet(PDF) 2 Page - Integrated Device Technology

Part # P9027LP-R
Description  Wireless Power Receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9027LP-R Datasheet(HTML) 2 Page - Integrated Device Technology

  P9027LP-R Datasheet HTML 1Page - Integrated Device Technology P9027LP-R Datasheet HTML 2Page - Integrated Device Technology P9027LP-R Datasheet HTML 3Page - Integrated Device Technology P9027LP-R Datasheet HTML 4Page - Integrated Device Technology P9027LP-R Datasheet HTML 5Page - Integrated Device Technology P9027LP-R Datasheet HTML 6Page - Integrated Device Technology P9027LP-R Datasheet HTML 7Page - Integrated Device Technology P9027LP-R Datasheet HTML 8Page - Integrated Device Technology P9027LP-R Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
P9027LP-R Datasheet
© 2016 Integrated Device Technology, Inc
2
April 28, 2016
Absolute Maximum Ratings
Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Table 1. Thermal Information 1,2
Pins
Rating
Units
RECT, OUT, OUTSNS
-0.3 to 9.0
V
LX1, LX2
-0.8 to 9.0
V
PGND, AGND
-0.3 to 0.3
V
VDD, CFLY1, CFLY2, SDA, SCL,
EN
̅̅̅̅, ACT
̅̅̅̅̅̅, IOC, VSET, VHDR, INT
̅̅̅̅̅, EOC, TS1, TS2,
-0.3 to 6.0
V
Maximum input current into SFBR
3.0
A
All voltages here are measured with respect to analog ground pin (AGND).
Table 2. Thermal Symbol Information 1,2
Symbol
Description
Rating
Units
JA
Thermal Resistance (WLCSP-40)
71
C/W
JC
Thermal Resistance Junction to Case
18
C/W
TA
Ambient Operating Temperature Range
0 to 85
C
TJ
Junction Operating Temperature Range
0 to 125
C
TJs
Junction Storage Temperature Range
-55 to 150
C
TLEAD
Maximum Soldering Temperature (at Leads)
300
C
Notes:
1. The maximum power dissipation is PD(MAX) = (TJ(MAX)-TA)/θJA where TJ(MAX) is 125°C. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the device will enter thermal shutdown.
2. The thermal rating was calculated based on a JEDEC 51 standard 4-layer board, 6 vias with dimensions 4 in × 4.5 in still air
conditions. Actual thermal resistance will be affected by PCB size, solder joint quality, PCB layer count, copper thickness, air flow,
altitude, and other unlisted variables.
Table 3. ESD Information
Test Model
Pins
Rating
Units
HBM
All
2,000
V
CDM
All
500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com