Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9027LP-R Datasheet(PDF) 22 Page - Integrated Device Technology

Part # P9027LP-R
Description  Wireless Power Receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9027LP-R Datasheet(HTML) 22 Page - Integrated Device Technology

Back Button P9027LP-R Datasheet HTML 18Page - Integrated Device Technology P9027LP-R Datasheet HTML 19Page - Integrated Device Technology P9027LP-R Datasheet HTML 20Page - Integrated Device Technology P9027LP-R Datasheet HTML 21Page - Integrated Device Technology P9027LP-R Datasheet HTML 22Page - Integrated Device Technology P9027LP-R Datasheet HTML 23Page - Integrated Device Technology P9027LP-R Datasheet HTML 24Page - Integrated Device Technology P9027LP-R Datasheet HTML 25Page - Integrated Device Technology P9027LP-R Datasheet HTML 26Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
P9027LP-R Datasheet
© 2016 Integrated Device Technology, Inc
22
April 28, 2016
Byte
Address
Byte Name
Bit
Field Typical
Default
Value
Description
0x02
INTR_MSKD_EN
3:0
R/W
1
Reserved.
0x03
INTR_MSKD_EN
7
R/W
1
TS2 interrupt is enabled to toggle
INT
̅̅̅̅̅ pin.
0x03
INTR_MSKD_EN
6
R/W
1
TS1 interrupt is enabled to toggle
INT
̅̅̅̅̅ pin.
0x03
INTR_MSKD_EN
5
R/W
1
Die temperature Interrupt is enabled to toggle
INT
̅̅̅̅̅ pin.
0x03
INTR_MSKD_EN
4:3
R/W
1
Reserved.
0x03
INTR_MSKD_EN
2
R/W
1
End of Charge interrupt is enabled to toggle
INT
̅̅̅̅̅ pin.
0x03
INTR_MSKD_EN
1
R/W
1
Reserved.
0x03
INTR_MSKD_EN
0
R/W
1
Function to use EN pin to pull high
INT
̅̅̅̅̅ pin is enabled.
When Tdie >= tdie_shdn_off + tdie_shdn_hys , 9027LP-R will shut down.
When Tdie < tdie_shdn_off, die temperature shutdown function is OFF; however 9027LP-R may send EPT to shut down P9235A-R.
If tdie_shdn_off > Tdie > tdie_shdn_off - 10°C , 9027LP-R will send EPT because of die temperature.
If Tdie < tdie_shdn_off - 20°C, no EPT will be sent because of die temperature.
Table 18. Die Temperature Shutdown Register
Byte
Address
Byte Name
Bit
Field Typical
Default
Value
Description
0x08
TDIE_SHDN_OFF
7
R/W
0
Die temperature shutdown select.
“0” : Die temperature shutdown off
“1” : 1300C
“2” : 1400C
“3” : 1500C
0x08
TDIE_SHDN_OFF
6
R/W
1
0x08
TDIE_SHDN_HYS
5
R/W
1
Die temperature shutdown hysteresis select
(Thermal control start temperature = hysteresis + thermal
control off temperature)
“0” : 100C
“1” : 200C
0x08
INTR_MSKD_EN
4:0
R/W
0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com