Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9027LP-R Datasheet(PDF) 5 Page - Integrated Device Technology

Part # P9027LP-R
Description  Wireless Power Receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9027LP-R Datasheet(HTML) 5 Page - Integrated Device Technology

  P9027LP-R Datasheet HTML 1Page - Integrated Device Technology P9027LP-R Datasheet HTML 2Page - Integrated Device Technology P9027LP-R Datasheet HTML 3Page - Integrated Device Technology P9027LP-R Datasheet HTML 4Page - Integrated Device Technology P9027LP-R Datasheet HTML 5Page - Integrated Device Technology P9027LP-R Datasheet HTML 6Page - Integrated Device Technology P9027LP-R Datasheet HTML 7Page - Integrated Device Technology P9027LP-R Datasheet HTML 8Page - Integrated Device Technology P9027LP-R Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
P9027LP-R Datasheet
© 2016 Integrated Device Technology, Inc
5
April 28, 2016
Electrical Specification Table (Continued)
VRECT=6.5 V, COUT=CVRECT=20 µF, CFLY=47 nF, CVDD=1 µF, EN
̅̅̅̅=GND, VOUT=5 V, TA= 0 to +85°C, unless otherwise noted. Typical values are
25°C.
Table 4. Electrical Specification Table (Continued)
Symbol
Description
Conditions
Min
Typical
Max
Units
12-bit Analog to Digital Converter
tSU:STA
Set-up Time for Repeated START Condition
0.6
µs
tBUF
Bus Free Time Between STOP and START
Condition
1.3
µs
Thermal Shutdown1
TSHD
Thermal shutdown
130
o
C
TSHD-HYS
Thermal shutdown hysteresis
20
o
C
Notes:
1. Guaranteed by design and not subject to 100% production testing.
2. Do not externally load. For internally biasing only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com