Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9027LP-R Datasheet(PDF) 1 Page - Integrated Device Technology

Part # P9027LP-R
Description  Wireless Power Receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9027LP-R Datasheet(HTML) 1 Page - Integrated Device Technology

  P9027LP-R Datasheet HTML 1Page - Integrated Device Technology P9027LP-R Datasheet HTML 2Page - Integrated Device Technology P9027LP-R Datasheet HTML 3Page - Integrated Device Technology P9027LP-R Datasheet HTML 4Page - Integrated Device Technology P9027LP-R Datasheet HTML 5Page - Integrated Device Technology P9027LP-R Datasheet HTML 6Page - Integrated Device Technology P9027LP-R Datasheet HTML 7Page - Integrated Device Technology P9027LP-R Datasheet HTML 8Page - Integrated Device Technology P9027LP-R Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
Wireless Power Receiver
for ≤ 3W Applications
P9027LP-R
Datasheet
© 2016 Integrated Device Technology, Inc
1
April 28, 2016
Description
The P9027LP-R is a highly integrated, low Bill-of-Materials (BOM)
count, single-chip receiver targeted for 0.5 to 3 W applications.
Using the magnetic inductive charging technology, it converts an
AC power signal from a resonant tank into a regulated
programmable DC output voltage ranging from 4.5 to 6.0 Volts.
The receiver has a patented internal scheme for communication
and modulation using zero external components. As a result, it
provides an extremely small application area. Together with the
P9235A-R transmitter, the P9027LP-R is a complete wireless
power system solution.
The P9027LP-R is available in a WLCSP-40 package (2.24 mm ×
3.62 mm, 0.4 mm pitch), and it is rated for 0 to 85°C ambient
operating temperature range.
Typical Applications
Smart Watches
Headsets
Digital Cameras
Portable Medical Applications
Figure 1. Typical Applications Circuit
Features
Small solution area: ~32mm2
Patented over-voltage protection clamp eliminating external
capacitors
Optimized for 0.5 to 3 W applications
Integrated low dropout tracking LDO
Low synchronous rectifier RDS(ON) for high efficiency
Programmable rectifier voltage for optimal transient response
versus efficiency
Integrated charge pump for startup under weak coupling or
poor alignment
Programmable output voltage: 4.5 to 6.0 V
Programmable current limit
Open-drain interrupt flag
Power transfer LED indicator
Dedicated remote temperature sensing
Active low enable pin for electrical on/off
I2C interface
0 to +85°C ambient operating temperature range
WLCSP 2.24 mm X 3.62 mm, 40 pin package
P9027LP-R
LX1
VRECT
CRECT
R1
AGND
SCL
SDA
SCL
SDA
Cd
OUT
COUT
VOUT=5V
Chip Enable
CFLY
CFLY1
PGND
VHDR
VSET
End of Charge
LRX
Interupt
EOC
OUTSNS
CFLY2
LX2
VDD
CVDD
TS1
TS2
RTS1
RTS2
INT
EN
RHDR
IOC
RIOC
ACT


Similar Part No. - P9027LP-R

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P9027LP-R RENESAS-P9027LP-R Datasheet
2Mb / 28P
Wireless Power Receiver for ≤ 3W Applications
April 28, 2016
More results

Similar Description - P9027LP-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ51013A TI-BQ51013A Datasheet
3Mb / 45P
INTEGRATED WIRELESS POWER SUPPLY RECEIVER
BQ51221 TI1-BQ51221 Datasheet
1Mb / 49P
Single Chip Wireless Power Receiver
BQ51222 TI1-BQ51222 Datasheet
215Kb / 8P
Single Chip Wireless Power Receiver
logo
Integrated Device Techn...
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
Wireless Power Receiver
logo
Rohm
BD57011AGWL ROHM-BD57011AGWL Datasheet
2Mb / 24P
Wireless Power Receiver IC
BD57015GWL ROHM-BD57015GWL Datasheet
3Mb / 69P
Wireless Power Receiver IC
logo
Generalplus Technology ...
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
QI Compliant Wireless Power Receiver
logo
Semtech Corporation
TS51223 SEMTECH-TS51223 Datasheet
2Mb / 20P
Wireless Power Receiver
logo
Rohm
BD57016GWL ROHM-BD57016GWL Datasheet
4Mb / 62P
Wireless Power Receiver IC
logo
Silicon Mitus, Inc.
SM5922 SILICONMITUS-SM5922 Datasheet
167Kb / 2P
Wireless Power Receiver
July 2021 Rev. 0.0.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com