Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9027LP-R Datasheet(PDF) 3 Page - Integrated Device Technology

Part # P9027LP-R
Description  Wireless Power Receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9027LP-R Datasheet(HTML) 3 Page - Integrated Device Technology

  P9027LP-R Datasheet HTML 1Page - Integrated Device Technology P9027LP-R Datasheet HTML 2Page - Integrated Device Technology P9027LP-R Datasheet HTML 3Page - Integrated Device Technology P9027LP-R Datasheet HTML 4Page - Integrated Device Technology P9027LP-R Datasheet HTML 5Page - Integrated Device Technology P9027LP-R Datasheet HTML 6Page - Integrated Device Technology P9027LP-R Datasheet HTML 7Page - Integrated Device Technology P9027LP-R Datasheet HTML 8Page - Integrated Device Technology P9027LP-R Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
P9027LP-R Datasheet
© 2016 Integrated Device Technology, Inc
3
April 28, 2016
Electrical Specification Table
VRECT= 6.5 V, COUT=CVRECT=20 µF, CFLY=47 nF, CVDD=1 µF, EN
̅̅̅̅=GND, VOUT=5 V, TA= 0 to +85°C, unless otherwise noted. Typical values are
25°C.
Table 4. Electrical Specification Table
Symbol
Description
Conditions
Min
Typical
Max
Units
Synchronous Full Bridge Rectifier (SFBR)
VLX
Voltage across SFBR
0.0
7.0
V
RON-HS
High-side RDS_ON
Forward current = 0.7 - 1.0 A, TA=25oC
45
mΩ
RON-LS
Low-side RDS_ON
Forward current = 0.2 - 0.5 A, TA=25oC
30
mΩ
VCLAMP
Internal clamping voltage Rectifier clamp (hardwired)
7.4
V
Charge Pump2
VDD
Charge pump output
Voltage
IVDD = 0 – 5 mA; VRECT = 3 - 8 V
4.0
5.0
5.5
V
VRECT_MIN
Minimum VRECT
IVDD = 5 mA
1.9
V
IRECT
Bias current
VRECT = 5 V
5.0
8.0
mA
VRECT = 3 V
8.0
UVLORISE
Rising voltage of UVLO
2.7
3.0
3.4
V
UVLOHYST
Hysteresis of UVLO
0.4
V
Output Current
IOUT
Output current range
VOUT = 5.0V
0
600
mA
IOUT_LEAK
Leakage current
No transmitter present; VOUT=5V
30
60
μA
IOUT_RES
Output current resolution
ADC resolution
0.5
mA
FSR Error1
VOUT = 5.0 V, IOUT = 0.2 – 0.5A
0.2
8.2
% FSR
VOUT = 5.0 V, IOUT = 0.2 – 0.5 A, TA = 25 oC
0.2
4.4
Programmable LDO
VOUT
Output voltage range
4.5
5.0
6.0
V
VACCU
Output voltage accuracy
VOUT = 3.0 – 5.0V, IOUT= 0
2.3
%
VOUT = 3.0 – 5.0V, TA = 25 oC
0.6
VDROP
Dropout voltage
IOUT = 500mA
25
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com