Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9027LP-R Datasheet(PDF) 10 Page - Integrated Device Technology

Part # P9027LP-R
Description  Wireless Power Receiver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9027LP-R Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button P9027LP-R Datasheet HTML 6Page - Integrated Device Technology P9027LP-R Datasheet HTML 7Page - Integrated Device Technology P9027LP-R Datasheet HTML 8Page - Integrated Device Technology P9027LP-R Datasheet HTML 9Page - Integrated Device Technology P9027LP-R Datasheet HTML 10Page - Integrated Device Technology P9027LP-R Datasheet HTML 11Page - Integrated Device Technology P9027LP-R Datasheet HTML 12Page - Integrated Device Technology P9027LP-R Datasheet HTML 13Page - Integrated Device Technology P9027LP-R Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
P9027LP-R Datasheet
© 2016 Integrated Device Technology, Inc
10
April 28, 2016
Pin Description
Table 5. Pin Description
Pins
Name
Typical
Description
PGND
A1, A2, A3, A4,
A5, B3
GND
Power ground.
LX2
B1, B2
I
Connect the Rx coil to this pin.
LX1
B4, B5
I
Connect the other side of Rx coil to this pin.
RECT
C1, C2, C3, C4,
C5
O
Output voltage of the synchronous rectifier bridge. Connect at least two 10 µF capacitors
from this pin to PGND. The rectifier voltage dynamically changes as the load changes.
See typical curves.
CFLY2
D1
O
Positive and negative terminals of the internal charge pump. Connect a 47 nF capacitor
between these two pins.
CFLY1
D2
O
OUT
D3, D4, D5
O
Regulated output voltage pin. Connect at least two 10 µF capacitors from this pin to
PGND. The default voltage is set to 5V when VSET is directly shorted to GND. For more
information see VSET application section.
NC
E1, E2, E4, F2
NC
Do not connect.
RSVD
E3
I
This pin is reserved for internal use. Connect a 1.69 KΩ resistor from this pin to GND for 1
W coil. For 2 W and 3 W’s coils, use a 1.13 KΩ resistor.
OUTSNS
E5
I
Feedback input pin. This pin must be connected directly to OUT pin to provide a regulated
voltage.
IOC
F1
I
Programmable over-current limit pin. Connect a resistor from this pin to GND to set the
current-limit threshold. To disable the current-limit, connect the pin directly to GND. For
more information see current limit application section.
EOC
F3
I
Active high end of charge input pin. When connected to logic high, the device sends end of
power transfer packet (charge complete) to the transmitter to terminate power transfer and
shuts down. The OUT pin is high impedance after P9027LP-R is shutdown
VSET
F4
I
Programming pin to set the output voltage. Connect a resistor from the pin to GND to set
the output voltage. Shorting the pin to GND sets the output voltage to 5 V. For more
information refer to the application section VSET for different output voltage settings.
VHDR
F5
I
Programming pin to set the rectifier voltage. Connect a resistor from the pin to ground.
Refer to the application section for appropriate resistor selection.
VDD
G1
O
Charge pumps regulated 5 V supply to power the internal circuitry. Connect a 1 µF
capacitor as close as possible from this pin to GND. Do not load the pin.
EN
G2
I
Active low enable pin. Pulling this pin to logic high forces the device into shutdown mode.
When connected to logic low, the device is enabled. Do not leave the pin floating.
AGND
G3, H1
GND
Analog ground.
TS2
G4
Remote temperature sensor 2. If not used, connect to AGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com