Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4350ARUZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADA4350ARUZ-R7
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350ARUZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADA4350ARUZ-R7 Datasheet HTML 29Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 30Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 31Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 32Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 33Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 34Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 35Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 36Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
ADA4350
Data Sheet
Rev. B | Page 32 of 37
TRANSIMPEDANCE AMPLIFIER DESIGN THEORY
Because its low input bias current minimizes the dc error at the
preamp output, the ADA4350 works well in photodiode preamp
applications. In addition, its high gain bandwidth product and
low input capacitance maximizes the signal bandwidth of the
photodiode preamp. Figure 58 shows the transimpedance
amplifier model of the ADA4350.
–
+
VOUT
VB
CD
CM
CM
ADA4350
RSH = 1011Ω
CS
IPHOTO
CF
RF
Figure 58. Transimpedance Amplifier Model of the ADA4350
The basic transfer function in Equation 4 describes the
transimpedance gain of the photodiode preamp.
F
F
F
PHOTO
OUT
R
sC
R
I
V
1
(4)
where:
IPHOTO is the output current of the photodiode.
RF is the feedback resistor.
CF is the feedback capacitance.
The signal bandwidth is 1/(RF × CF), as determined by Equation 4.
In general, set RF such that the maximum attainable output
voltage corresponds to the maximum diode current, IPHOTO,
allowing the use of the full output swing.
The signal bandwidth attainable with this preamp is a function
of RF, the gain bandwidth product (fGBW) of the amplifier, and
the total capacitance at the amplifier summing junction, including
CS and the amplifier input capacitance of CD and CM. RF and the
total capacitance produce a pole with the loop frequency (fP).
fP = 1/2πRFCS
(5)
With the additional pole from the open-loop response of the
amplifier, the two-pole system results in peaking and instability
due to an insufficient phase margin (see gray lines for the noise
gain and phase in Figure 59).
Adding CF to the feedback loop creates a zero in the loop
transmission that compensates for the effect of the input pole,
which stabilizes the photodiode preamp design because of the
increased phase margin (see the gray lines for the noise gain and
phase in Figure 60). It also sets the signal bandwidth, fZ (see the
I to V gain line for the signal gain in Figure 60). The signal
bandwidth and the zero frequency, fZ, are determined by
F
F
z
C
R
f
2π
1
(6)
Equating the zero frequency, fZ, with the fX frequency maximizes
the signal bandwidth with a 45° phase margin. Calculate fX as
follows because fX is the geometric mean of fP and fGBW:
GBW
P
x
f
f
f
(7)
By combining Equation 5, Equation 6, and Equation 7, the CF
value that produces fX is defined by
GBW
F
S
F
f
R
C
C
π
2
(8)
The frequency response in this case shows approximately 2 dB
peaking and 15% overshoot. Doubling CF and cutting the
bandwidth in half results in a flat frequency response with
approximately 5% transient overshoot.
log f
log f
fP
G = 1
G = R2C1s
fX
fGBW
OPEN-LOOP GAIN
–180°
–135°
–90°
–45°
0°
Figure 59. Noise Gain and Phase Bode Plot of the Transimpedance Amplifier
Design Without Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com