Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4350ARUZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4350ARUZ-R7
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350ARUZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4350ARUZ-R7 Datasheet HTML 5Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 6Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 7Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 8Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 9Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 10Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 11Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 12Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
ADA4350
Data Sheet
Rev. B | Page 8 of 37
5 V FULL SYSTEM
TA = 25°C, +VS = 5 V, −VS = 0 V, RF = 1 kΩ differential, unless otherwise specified.
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = −5, VOUT = 200 mV p-p
15
MHz
G = −5, VOUT = 1 V p-p
14
MHz
Slew Rate
VOUT = 2 V step, 10% to 90%
30
V/µs
HARMONIC PERFORMANCE
Harmonic Distortion (HD2/HD3)
G = −5, fC = 100 kHz
−85/−94
dBc
G = −5, fC = 1 MHz
−66/−75
dBc
Input Voltage Noise
f = 10 Hz
92
nV/√Hz
f = 100 kHz
4.4
nV/√Hz
DC PERFORMANCE
Input Bias Current
At 25°C
±0.35
±1.6
pA
At 85°C
±8.5
±30
pA
INPUT CHARACTERISTICS
Input Resistance
Common mode
100
GΩ
Input Capacitance
Common mode
2
pF
Differential mode
3
pF
Input Common-Mode Voltage Range
CMRR > 80 dB
0.5
3.8
V
CMRR > 68 dB
0
3.9
V
Common-Mode Rejection
VCM = ±0.5 V
88
94
dB
OUTPUT CHARACTERISTICS
Linear Output Current
VOUT = 1 V p-p, 60 dB SFDR
9
mA rms
Short-Circuit Current
Sinking/sourcing, RL < 1 Ω
41/63
mA
Settling Time to 0.1%
G = −5, VOUT = 2 V step
130
ns
POWER SUPPLY
Operating Range
3.3
12
V
Quiescent Current
Enabled
8
9
mA
M1 disabled (see Figure 1)
6.5
mA
All disabled
2
µA
Positive Power Supply Rejection Ratio
86
dB
Negative Power Supply Rejection Ratio
80
dB
DIGITAL SUPPLIES (DVDD, DGND)
DVDD, DGND
Digital Supply Range
3.3
5.5
V
Quiescent Current
Enabled
50
µA
Disabled
0.6
µA
+VS to DGND Head Room
≥3.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com