Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4350ARUZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4350ARUZ-R7
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350ARUZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4350ARUZ-R7 Datasheet HTML 4Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 5Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 6Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 7Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 8Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 9Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 10Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 11Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
Data Sheet
ADA4350
Rev. B | Page 7 of 37
Parameter
Test Conditions/Comments1
Min
Typ
Max
Unit
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = no load, single-ended
±4.8
±4.83
V
RL = 500 Ω, single-ended
±4.55
±4.6
V
Output Common-Mode Voltage Range
−5
+3.8
V
Linear Output Current
P1 or M1, VOUT = 2 V p-p, 60 dB SFDR
18
mA rms
Differential output, VOUT = 4 V p-p, 60 dB SFDR
18
mA rms
Short Circuit Current
P1 or M1, sinking/sourcing
43/76
mA
Capacitive Load Drive
When used differentially at each VOUTx, 30% overshoot,
VOUT = 200 mV p-p
33
pF
When P1/M1 is used, 30% overshoot, VOUT = 100 mV p-p
47
pF
POWER SUPPLY
Operating Range
3.3
12
V
Positive Power Supply Rejection Ratio
For P1
90
106
dB
For M1
86
100
dB
Negative Power Supply Rejection Ratio
For P1
80
100
dB
For M1
78
90
dB
1
P1 and M1 within this table refer to the amplifiers shown in Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com