Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4350ARUZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4350ARUZ-R7
Description  FET Input Analog Front End with ADC Driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4350ARUZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4350ARUZ-R7 Datasheet HTML 16Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 17Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 18Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 19Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 20Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 21Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 22Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 23Page - Analog Devices ADA4350ARUZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
Data Sheet
ADA4350
Rev. B | Page 19 of 37
FET INPUT AMPLIFIER
Unless otherwise stated, RL = 1 kΩ. For Vs = ±5 V, DVDD = +5 V, and for Vs = ±2.5 V, DVDD = +3.3 V.
–18
–15
–12
–9
–6
–3
0
3
6
9
0.1
1
10
100
FREQUENCY (MHz)
VS = ±5V
VOUT = 100mV p-p
G = +2
RF = 1kΩ
CF = 3pF
G = –5
RF = 5kΩ
G = +10
RF = 9kΩ
Figure 15. Small Signal Frequency Response for Various Gains, VS = ±5 V,
See Test Circuit Diagrams in Figure 50 and Figure 51
–18
–15
–12
–9
–6
–3
0
3
6
9
0.1
1
10
100
FREQUENCY (MHz)
VS = 5V
VOUT = 100mV p-p
G = +2
RF = 1kΩ
CF = 3pF
G = –5
RF = 5kΩ
G = +10
RF = 9kΩ
Figure 16. Small Signal Frequency Response for Various Gains, VS = 5 V,
See Test Circuit Diagrams in Figure 50 and Figure 51
–18
–15
–12
–9
–6
–3
0
3
6
0.1
1
10
100
FREQUENCY (MHz)
VS = ±5V
VOUT = 2V p-p
G = +2
RF = 1kΩ,
CF = 3pF
G = –5
RF = 5kΩ
G = +10
RF = 9kΩ
Figure 17. Large Signal Frequency Response for Various Gains, VS = ±5 V,
See Test Circuit Diagrams in Figure 50 and Figure 51
–18
–15
–12
–9
–6
–3
0
3
6
0.1
1
10
100
FREQUENCY (MHz)
VS = 5V
VOUT = 1V p-p
G = +2
RF = 1kΩ
CF = 3pF
G = –5
RF = 5kΩ
G = +10
RF = 9kΩ
Figure 18. Large Signal Frequency Response for Various Gains, VS = 5 V,
See Test Circuit Diagrams in Figure 50 and Figure 51
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
TIME (100ns/DIV)
VS = ±5V
G = –5
VOUT = 2V p-p
VS = ±2.5V
Figure 19. Large Signal Step Response for Various Supplies, G = −5
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
TIME (10ns/DIV)
VS = ±5V
VOUT = 2V STEP
G = –5
RF = 5kΩ
TIME = 10ns/DIV
Figure 20. 0.1% Settling Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com